Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG936BCP-R-REEL7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG936BCP-R-REEL7
Description  Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG936BCP-R-REEL7 Datasheet(HTML) 1 Page - Analog Devices

  ADG936BCP-R-REEL7 Datasheet HTML 1Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 2Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 3Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 4Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 5Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 6Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 7Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 8Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Wideband 4 GHz, 36 dB Isolation at 1 GHz,
CMOS 1.65 V to 2.75 V, Dual SPDT
ADG936/ADG936-R
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Wideband switch: −3 dB @ 4 GHz
ADG936 absorptive dual SPDT
ADG936-R reflective dual SPDT
High off isolation (36 dB @ 1 GHz)
Low insertion loss (0.9 dB dc to 1 GHz)
Single 1.65 to 2.75 V power supply
CMOS/LVTTL control logic
20-lead TSSOP and 4 mm × 4 mm LFCSP package
Low power consumption (1 µA max)
APPLICATIONS
Wireless communications
General-purpose RF switching
Dual-band applications
High speed filter selection
Digital transceiver front end switch
IF switching
Tuner modules
Antenna diversity switching
FUNCTIONAL BLOCK DIAGRAMS
INB
RF1B
RF2B
RFCB
ADG936
INA
RF1A
RF2A
RFCA
50
Ω
50
Ω
50
Ω
50
Ω
INA
INB
RF1A
RF2A
RF1B
RF2B
RFCB
RFCA
ADG936-R
Figure 1.
Figure 2.
GENERAL DESCRIPTION
The ADG936/ADG936-R are wideband analog switches that
comprise two independently selectable SPDT switches using a
CMOS process to provide high isolation and low insertion loss
to 1 GHz. The ADG936 is an absorptive/matched dual SPDT
with 50 Ω terminated shunt legs; the ADG936-R is a reflective
dual SPDT. These devices are designed such that the isolation is
high over the dc to 1 GHz frequency range. They have on-board
CMOS control logic, eliminating the need for external
controlling circuitry. The control inputs are both CMOS and
LVTTL compatible. The low power consumption of these
CMOS devices makes them ideally suited for wireless
applications and general-purpose high frequency switching.
PRODUCT HIGHLIGHTS
1.
–36 dB off isolation @ 1 GHz.
2.
0.9 dB insertion loss @ 1 GHz.
3.
20-lead TSSOP and 4 mm × 4 mm LFCSP package.
FREQUENCY (Hz)
10G
10k
100k
1M
10M
100M
1G
–10
–20
–30
–40
–50
–60
–70
–80
S12
S21
VDD = 2.5V
TA = 25°C
FREQUENCY (Hz)
10G
10k
100k
1M
10M
100M
1G
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1.0
–1.1
–1.2
–1.3
–1.4
–1.5
–1.6
–1.7
–1.8
–1.9
–2.0
–2.1
–2.2
–2.3
–2.4
–2.5
–2.6
–2.7
–2.8
–2.9
–3.0
VDD = 2.5V
TA = 25°C
Figure 3. Off Isolation vs. Frequency
Figure 4. Insertion Loss vs. Frequency


Similar Part No. - ADG936BCP-R-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG936R AD-ADG936R_15 Datasheet
524Kb / 17P
CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG936 AD-ADG936_15 Datasheet
524Kb / 17P
CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
More results

Similar Description - ADG936BCP-R-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG901 AD-ADG901 Datasheet
1Mb / 12P
Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
10/04-Data Sheet changed from REV. 0 to REV. A.
ADG904 AD-ADG904 Datasheet
354Kb / 16P
Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
5/04-Revision 0
ADG901 AD-ADG901_05 Datasheet
737Kb / 16P
Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG918 AD-ADG918_08 Datasheet
570Kb / 16P
Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
REV. C
ADG904BRUZ AD-ADG904BRUZ Datasheet
517Kb / 17P
Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
REV. C
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904R AD-ADG904R_15 Datasheet
517Kb / 17P
CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG936 AD-ADG936_15 Datasheet
524Kb / 17P
CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG936R AD-ADG936R_15 Datasheet
524Kb / 17P
CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG918 AD-ADG918_V01 Datasheet
652Kb / 16P
Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com