Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG936BCP-R-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG936BCP-R-REEL7
Description  Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG936BCP-R-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG936BCP-R-REEL7 Datasheet HTML 4Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 5Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 6Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 7Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 8Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 9Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 10Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 11Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADG936/ADG936-R
Rev. 0 | Page 8 of 16
FREQUENCY (Hz)
10G
10k
100k
1M
10M
100M
1G
0
–5
–10
–15
–20
–25
–30
VDD = 2.5V
TA = 25°C
OFF SWITCH
ON SWITCH
Figure 13. Return Loss vs. Frequency ( S11)
FREQUENCY (Hz)
10G
10k
100k
1M
10M
100M
1G
–10
–20
–30
–40
–50
–60
–70
–80
–90
VDD = 2.5V
TA = 25°C
Figure 14. Crosstalk vs. Frequency (S12 and S21)
T
[]
CH1
CH2
5.00ns
CH3
1.00V
100mV
100mV
1
3
TEK RUN: 5.00GS/s ET ENVELOPE
INx
RFx
Figure 15. Switch Timing
CH3 1.00mV
Ω
CH1 1.00V
Ω
20.0ns
∆ : 2.20mV
1
3
T
TEK RUN
[]
RFCx
INx
T
TRIG'D
Figure 16. Video Feedthrough
FREQUENCY (MHz)
900
100
200
300
400
500
600
700
800
35
30
25
20
15
10
5
0
VDD = 2.5V
TA = 25°C
Figure 17. IP3 vs. Frequency
FREQUENCY (MHz)
1500
0
250
500
750
1000
1250
18
14
16
12
10
6
8
2
4
0
VDD = 2.5V
TA = 25°C
Figure 18. P–1 dB vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com