Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG936BCP-R-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG936BCP-R-REEL7
Description  Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG936BCP-R-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  ADG936BCP-R-REEL7 Datasheet HTML 1Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 2Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 3Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 4Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 5Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 6Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 7Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 8Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADG936/ADG936-R
Rev. 0 | Page 5 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
VDD
GND
RF1A
GND
GND
RF1B
GND
GND
INA
GND
RF2A
GND
GND
RF2B
GND
ADG936
ADG936-R
TOP VIEW
(Not to Scale)
RFCA
9
10
12
11
GND
RFCB
INB
GND
15
GND
14
RF2A
13
GND
12
GND
GND 1
RF1A 2
GND 3
GND 4
ADG936
ADG936-R
TOP VIEW
(Not to Scale)
11
RF2B
RF1B 5
Figure 5. 20-Lead TSSOP (RU-20)
Figure 6. 20-Lead 4 mm × 4 mm LFCSP (CP-20)
Table 4. Pin Function Descriptions
Pin No.
20-Lead
TSSOP
20-Lead
LFCSP
Mnemonic
Function
1
18
RFCA
Common RF Port for Switch A.
2
19
VDD
Power Supply Input. These parts can be operated from 1.65 V to 2.75 V. VDD should be
decoupled to GND.
3, 5, 6, 8, 9,
11,13, 15,
16, 18, 20
1, 3, 4, 6, 7,
9, 12,13, 15,
17, 20
GND
Ground Reference Point for All Circuitry on the Part.
4
2
RF1A
RF1A Port.
7
5
RF1B
RF1B Port.
10
8
RFCB
Common RF Port for Switch B.
12
10
INB
Logic Control Input.
14
11
RF2B
RF2B Port.
17
14
RF2A
RF2A Port.
19
16
INA
Logic Control Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com