Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG936BCP-R-REEL7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG936BCP-R-REEL7
Description  Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG936BCP-R-REEL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG936BCP-R-REEL7 Datasheet HTML 3Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 4Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 5Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 6Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 7Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 8Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 9Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 10Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADG936/ADG936-R
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
10G
10k
100k
1M
10M
100M
1G
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1.0
–1.1
–1.2
–1.3
–1.4
–1.5
–1.6
–1.7
–1.8
–1.9
–2.0
–2.1
–2.2
–2.3
–2.4
–2.5
–2.6
–2.7
–2.8
–2.9
–3.0
VDD = 2.25V
VDD = 2.50V
VDD = 2.75V
TA = 25°C
Figure 7. Insertion Loss vs. Frequency over Supplies
(S12 and S21)
FREQUENCY (Hz)
10G
10k
100k
1M
10M
100M
1G
–0.3
–0.5
–0.4
–0.6
–0.7
–0.8
–0.9
–1.0
VDD = 2.25V
VDD = 2.50V
VDD = 2.75V
TA = 25°C
Figure 8. Insertion Loss vs. Frequency over Supplies
(S12 and S21)(Zoomed Figure 7)
FREQUENCY (Hz)
10G
10k
100k
1M
10M
100M
1G
–0.3
–0.8
–0.7
–0.6
–0.5
–0.4
–1.2
–1.1
–1.0
–0.9
–1.7
–2.2
–2.1
–2.0
–1.9
–1.8
–1.6
–1.5
–1.4
–1.3
–2.3
–2.4
–2.5
–2.6
–2.7
–2.9
–2.8
–3.0
VDD = 1.65V
VDD = 1.80V
VDD = 1.95V
TA = 25°C
Figure 9. Insertion Loss vs. Frequency over Supplies
(S12 and S21)
FREQUENCY (Hz)
10G
10k
100k
1M
10M
100M
1G
–0.3
–0.8
–0.7
–0.6
–0.5
–0.4
–1.2
–1.1
–1.0
–0.9
–1.7
–2.2
–2.1
–2.0
–1.9
–1.8
–1.6
–1.5
–1.4
–1.3
–2.3
–2.4
–2.5
–2.6
–2.7
–2.9
–2.8
–3.0
VDD = 2.5V
TA = –40°C
TA = +25°C
TA = +85°C
Figure 10. Insertion Loss vs. Frequency over Temperature
( S12 and S21)
FREQUENCY (Hz)
10G
10k
100k
1M
10M
100M
1G
–10
–20
–30
–40
–50
–60
–70
–80
S12
S21
VDD = 1.65V TO 2.75V
TA = 25°C
Figure 11. Isolation vs. Frequency over Supplies
FREQUENCY (Hz)
10G
1G
10k
100k
1M
10M
100M
–10
–30
–20
–50
–40
–70
–60
–90
–80
–100
–110
TA = –40°C
TA = +85°C
TA = +25°C
VDD = 2.5V
Figure 12. Isolation vs. Frequency over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com