Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS6002D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PBLS6002D
Description  60 V PNP BISS loadswitch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBLS6002D Datasheet(HTML) 4 Page - NXP Semiconductors

  PBLS6002D Datasheet HTML 1Page - NXP Semiconductors PBLS6002D Datasheet HTML 2Page - NXP Semiconductors PBLS6002D Datasheet HTML 3Page - NXP Semiconductors PBLS6002D Datasheet HTML 4Page - NXP Semiconductors PBLS6002D Datasheet HTML 5Page - NXP Semiconductors PBLS6002D Datasheet HTML 6Page - NXP Semiconductors PBLS6002D Datasheet HTML 7Page - NXP Semiconductors PBLS6002D Datasheet HTML 8Page - NXP Semiconductors PBLS6002D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
9397 750 15197
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 23 June 2005
4 of 16
Philips Semiconductors
PBLS6002D
60 V PNP BISS loadswitch
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
[3]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
(1) Ceramic PCB, Al2O3, standard footprint
(2) FR4 PCB, mounting pad for collector 1 cm2
(3) FR4 PCB, standard footprint
Fig 1.
Power derating curves
Tamb (°C)
0
160
120
40
80
006aaa461
0.4
0.2
0.6
0.8
Ptot
(W)
0
(1)
(2)
(3)
Table 6:
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per device
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
312
K/W
[2] -
-
236
K/W
[3] -
-
208
K/W
TR1; PNP low VCEsat transistor
Rth(j-sp)
thermal resistance from
junction to solder point
-
-
105
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com