Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS6002D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PBLS6002D
Description  60 V PNP BISS loadswitch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBLS6002D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PBLS6002D Datasheet HTML 8Page - NXP Semiconductors PBLS6002D Datasheet HTML 9Page - NXP Semiconductors PBLS6002D Datasheet HTML 10Page - NXP Semiconductors PBLS6002D Datasheet HTML 11Page - NXP Semiconductors PBLS6002D Datasheet HTML 12Page - NXP Semiconductors PBLS6002D Datasheet HTML 13Page - NXP Semiconductors PBLS6002D Datasheet HTML 14Page - NXP Semiconductors PBLS6002D Datasheet HTML 15Page - NXP Semiconductors PBLS6002D Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
9397 750 15197
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 23 June 2005
13 of 16
Philips Semiconductors
PBLS6002D
60 V PNP BISS loadswitch
11. Soldering
Dimensions in mm
Fig 20. Reflow soldering footprint
Dimensions in mm
Fig 21. Wave soldering footprint
solder lands
solder resis
occupied ar
solder past
0.95
2.825
0.45 0.55
1.60
1.95
1.70
3.10
3.20
3.30
msc422
1.40
4.30
5.30
0.45
MSC423
1.45 4.45
5.05
solder lands
solder resist
occupied area
solder paste



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com