Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS6002D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PBLS6002D
Description  60 V PNP BISS loadswitch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBLS6002D Datasheet(HTML) 2 Page - NXP Semiconductors

  PBLS6002D Datasheet HTML 1Page - NXP Semiconductors PBLS6002D Datasheet HTML 2Page - NXP Semiconductors PBLS6002D Datasheet HTML 3Page - NXP Semiconductors PBLS6002D Datasheet HTML 4Page - NXP Semiconductors PBLS6002D Datasheet HTML 5Page - NXP Semiconductors PBLS6002D Datasheet HTML 6Page - NXP Semiconductors PBLS6002D Datasheet HTML 7Page - NXP Semiconductors PBLS6002D Datasheet HTML 8Page - NXP Semiconductors PBLS6002D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
9397 750 15197
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 23 June 2005
2 of 16
Philips Semiconductors
PBLS6002D
60 V PNP BISS loadswitch
2.
Pinning information
3.
Ordering information
4.
Marking
Table 2:
Pinning
Pin
Description
Simplified outline
Symbol
1
emitter TR1
2
base TR1
3
output (collector) TR2
4
GND (emitter) TR2
5
input (base) TR2
6
collector TR1
13
2
4
5
6
65
4
1
23
R2
TR1
TR2
R1
sym036
Table 3:
Ordering information
Type number
Package
Name
Description
Version
PBLS6002D
SC-74
plastic surface mounted package; 6 leads
SOT457
Table 4:
Marking codes
Type number
Marking code
PBLS6002D
F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com