Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS6002D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PBLS6002D
Description  60 V PNP BISS loadswitch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBLS6002D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PBLS6002D Datasheet HTML 2Page - NXP Semiconductors PBLS6002D Datasheet HTML 3Page - NXP Semiconductors PBLS6002D Datasheet HTML 4Page - NXP Semiconductors PBLS6002D Datasheet HTML 5Page - NXP Semiconductors PBLS6002D Datasheet HTML 6Page - NXP Semiconductors PBLS6002D Datasheet HTML 7Page - NXP Semiconductors PBLS6002D Datasheet HTML 8Page - NXP Semiconductors PBLS6002D Datasheet HTML 9Page - NXP Semiconductors PBLS6002D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
9397 750 15197
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 23 June 2005
6 of 16
Philips Semiconductors
PBLS6002D
60 V PNP BISS loadswitch
7.
Characteristics
Ceramic PCB, Al2O3, standard footprint
Fig 4.
TR1 (PNP): Transient thermal impedance from junction to ambient as a function of pulse time;
typical values
006aaa464
10
1
102
103
Zth(j-a)
(K/W)
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
0.75
0.5
0.33
0.2
0.1
δ = 1
0.05
0.02
0.01
0
Table 7:
Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TR1; PNP low VCEsat transistor
ICBO
collector-base cut-off
current
VCB = −60 V; IE =0A
-
-
−100 nA
VCB = −60 V; IE =0A;
Tj = 150 °C
--
−50
µA
ICES
collector-emitter cut-off
current
VCE = −60 V; VBE =0V
-
-
−100 nA
IEBO
emitter-base cut-off current VEB = −5 V; IC =0A
-
-
−100 nA
hFE
DC current gain
VCE = −5 V; IC = −1 mA
200
350
-
VCE = −5V;
IC = −500 mA
[1] 150
230
-
VCE = −5V;
IC = −1000 mA
[1] 100
160
-
VCEsat
collector-emitter saturation
voltage
IC = −100 mA;
IB = −1mA
-
−110 −175 mV
IC = −500 mA;
IB = −50 mA
[1] -
−135 −180 mV
IC = −1000 mA;
IB = −100 mA
[1] -
−255 −340 mV
RCEsat
collector-emitter saturation
resistance
IC = −1A;
IB = −100 mA
[1] -
255
340
m
Ω
VBEsat
base-emitter saturation
voltage
IC = −1 A; IB = −50 mA
[1] -
−0.95 −1.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com