Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS6002D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PBLS6002D
Description  60 V PNP BISS loadswitch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBLS6002D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PBLS6002D Datasheet HTML 3Page - NXP Semiconductors PBLS6002D Datasheet HTML 4Page - NXP Semiconductors PBLS6002D Datasheet HTML 5Page - NXP Semiconductors PBLS6002D Datasheet HTML 6Page - NXP Semiconductors PBLS6002D Datasheet HTML 7Page - NXP Semiconductors PBLS6002D Datasheet HTML 8Page - NXP Semiconductors PBLS6002D Datasheet HTML 9Page - NXP Semiconductors PBLS6002D Datasheet HTML 10Page - NXP Semiconductors PBLS6002D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
9397 750 15197
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 23 June 2005
7 of 16
Philips Semiconductors
PBLS6002D
60 V PNP BISS loadswitch
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
VBEon
base-emitter turn-on
voltage
VCE = −5 V; IC = −1A
[1] -
−0.82 −0.9
V
td
delay time
IC = −0.5 A;
IBon = −25 mA;
IBoff =25mA
-11
-
ns
tr
rise time
-
30
-
ns
ton
turn-on time
-
41
-
ns
ts
storage time
-
205
-
ns
tf
fall time
-
55
-
ns
toff
turn-off time
-
260
-
ns
fT
transition frequency
IC = −50 mA;
VCE =−10 V;
f = 100 MHz
150
185
-
MHz
Cc
collector capacitance
VCB = −10 V;
IE =ie = 0 A; f = 1 MHz
-
9
15
pF
TR2; NPN resistor-equipped transistor
ICBO
collector-base cut-off
current
VCB =50V; IE = 0 A
-
-
100
nA
ICEO
collector-emitter cut-off
current
VCE =30V; IB = 0 A
--1
µA
VCE =30V; IB =0A;
Tj = 150 °C
--50
µA
IEBO
emitter-base cut-off current VEB =5V; IC = 0 A
-
-
900
µA
hFE
DC current gain
VCE =5V; IC =20mA
30
-
-
VCEsat
collector-emitter saturation
voltage
IC = 10 mA;
IB = 0.5 mA
-
-
150
mV
VI(off)
off-state input voltage
VCE =5V; IC = 100 µA
-
1.1
0.5
V
VI(on)
on-state input voltage
VCE = 0.3 V;
IC =20mA
2.5
1.9
-
V
R1
bias resistor 1 (input)
3.3
4.7
6.1
k
Ω
R2/R1
bias resistor ratio
0.8
1
1.2
Cc
collector capacitance
VCB =10V;
IE =ie = 0 A; f = 1 MHz
-
-
2.5
pF
Table 7:
Characteristics …continued
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com