Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6053 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # FS6053
Description  LOW-SKEW CLOCK FANOUT BUFFER ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS6053 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button FS6053 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 14Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 15Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
XT
April 1999
4.5.99
12
)6)6)6)6
/RZ6NHZ &ORFN)DQRXW%XIIHU ,&V
,62
Table 11: Serial Interface Timing Specifications
Unless otherwise stated, all power supplies = 3.3V ± 5%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk ( * ) represent nominal
characterization data and are not currently production tested to any specific limits. MIN and MAX characterization data are
± 3σ from typical.
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
MIN.
MAX.
UNITS
Clock frequency
fSCL
SCL
10
400
kHz
Bus free time between STOP and START
tBUF
4.7
µs
Set up time, START (repeated)
tsu:STA
4.7
µs
Hold time, START
thd:STA
4.0
µs
Set up time, data input
tsu:DAT
SDA
250
ns
Hold time, data input
thd:DAT
SDA
300
ns
Output data valid from clock
tAA
Minimum delay to bridge undefined region of the fall-
ing edge of SCL to avoid unintended START or STOP
3.5
µs
Rise time, data and clock
tr
SDA, SCL
1000
ns
Fall time, data and clock
tf
SDA, SCL
300
ns
High time, clock
tH
SCL
4.0
µs
Low time, clock
tL
SCL
4.7
µs
Set up time, STOP
tsu:STO
4.0
µs
Figure 12: Bus Timing Data
SCL
SDA
STOP
t
su:STO
t
hd:STA
START
t
su:STA
ADDRESS OR
DATA VALID
DATA CAN
CHANGE
Figure 13: Data Transfer Sequence
SCL
SDA
IN
t
hd:DAT
t
hd:STA
t
su:STA
t
su:STO
t
L
t
H
SDA
OUT
t
su:DAT
t
BUF
t
r
t
f
t
AA
t
AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com