Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6053 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # FS6053
Description  LOW-SKEW CLOCK FANOUT BUFFER ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS6053 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button FS6053 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 14Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 15Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 16Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
XT
April 1999
4.5.99
13
)6)6)6)6
/RZ6NHZ &ORFN)DQRXW%XIIHU ,&V
,62
Figure 14: SDRAM_0:17 Clock Output (3.3V Type 4 Clock Buffer)
Low Drive Current (mA)
High Drive Current (mA)
Voltage
(V)
MIN.
TYP.
MAX.
Voltage
(V)
MIN.
TYP.
MAX.
0
0
0
0
0
-72
-116
-198
0.4
23
34
53
1
-72
-116
-198
0.65
35
52
83
1.4
-68
-110
-188
0.85
43
65
104
1.5
-67
-107
-184
1
49
74
118
1.65
-64
-103
-177
1.4
61
93
152
1.8
-60
-98
-170
1.5
64
98
159
2
-54
-90
-157
1.65
67
103
168
2.4
-39
-69
-126
1.8
70
108
177
2.6
-30
-56
-107
1.95
72
112
184
3.135
0
-15
-46
3.135
72
112
204
3.3
0
-23
3.6
112
204
3.465
0
-220
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
220
00.5
11.5
22.5
33.5
4
Pˆ‡ƒˆ‡ÃW‚y‡htrÃW
P
ˆ‡
ƒˆ
‡Ã8
ˆ…
…r
‡
À
6

MIN.
TYP.
MAX.
30 Ω
50 Ω
90 Ω
Figure 15: DC Measurement Points
V
IH 3.3 = 2.0V
V
IL 3.3 = 0.8V
V
OL 3.3 = 0.4V
V
OH 3.3 = 2.4V
1.5V
3.3V
(device
interface)
(system
interface)
Figure 16: Clock Skew Measurement Point
t
skw
3.3V
3.3V
1.5V
1.5V
Figure 17: Timing Measurement Points
t
KH
t
r
Duty Cycle
t
KL
τ
KP
2.4V
1.5V
0.4V
t
f
t
PLZ
V
OL
V
OH
V
SS
V
DD
10%
90%
t
PHZ
50%
50%
50%
50%
t
PZL
t
PHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com