Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6053 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FS6053
Description  LOW-SKEW CLOCK FANOUT BUFFER ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS6053 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FS6053 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
XT
April 1999
4.5.99
3
)6)6)6)6
/RZ6NHZ &ORFN)DQRXW%XIIHU ,&V
,62
3.0
Programming Information
Table 2: Clock Enable
CONTROL INPUTS
CLOCK OUTPUTS (MHz)
OE
SDRAM_0:17
0tristate
1
CLK_IN
3.1
Power-Up Initialization
All outputs are enabled and active upon power-up, and all
output control register bits are initialized to one.
The outputs must be configured at power-up and are not
expected to be configured during normal operation. Inac-
tive outputs are held low and are disabled from switching.
3.1.1
Unused Outputs
Outputs that are not used in versions of this device with a
reduced pinout are still operational internally. To reduce
power dissipation and crosstalk effects from the unloaded
outputs, it is recommended that these outputs be shut off
via the Control Registers.
3.2
Register Programming
A logic-one written to a valid bit location turns on the as-
signed output clock. Likewise, a logic-zero written to a
valid bit location turns off the assigned output clock.
Any unused or reserved register bits should be cleared to
zero.
Serial bits are written to this device in the order shown in
Table 3.
Table 3: Register Summary
SERIAL BIT
DATA BYTE
CLOCK OUTPUT
0
(MSB)
SDRAM_7
1
SDRAM_6
2
SDRAM_5
3
SDRAM_4
4
SDRAM_3
5
SDRAM_2
6
Byte 0
SDRAM Control Register 0
SDRAM_1
7
(LSB)
SDRAM_0
8
(MSB)
SDRAM_15
9
SDRAM_14
10
SDRAM_13
11
SDRAM_12
12
SDRAM_11
13
SDRAM_10
14
Byte 1
SDRAM Control Register 1
SDRAM_9
15
(LSB)
SDRAM_8
16
(MSB)
SDRAM_17
17
SDRAM_16
18
Reserved
19
Reserved
20
Reserved
21
Reserved
22
Byte 2
SDRAM Control Register 2
Reserved
23
(LSB)
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com