Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6053 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # FS6053
Description  LOW-SKEW CLOCK FANOUT BUFFER ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS6053 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button FS6053 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 14Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 15Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 16Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 17Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 18Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 19Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
XT
April 1999
4.5.99
15
)6)6)6)6
/RZ6NHZ &ORFN)DQRXW%XIIHU ,&V
,62
Table 14: 28-pin SOIC (7.5mm/0.300") Package Dimensions
DIMENSIONS
INCHES
MILLIMETERS
MIN.
MAX.
MIN.
MAX.
A
0.093
0.104
2.35
2.65
A1
0.004
0.012
0.10
0.30
A2
0.08
0.100
2.05
2.55
B
0.013
0.013
0.33
0.51
C
0.009
0.009
0.23
0.32
D
0.697
0.713
17.70
18.10
E
0.291
0.299
7.40
7.60
e
0.05 BSC
1.27 BSC
H
0.393
0.419
10.00
10.65
h
0.010
0.030
0.25
0.75
L
0.016
0.05
0.40
1.27
Θ
0
°
8
°
0
°
8
°
Be
D
A
1
SEATING PLANE
H
E
28
1
ALL RADII:
0.005" TO 0.01"
BASE PLANE
A
2
ÅÉ"ÇÅÃÇ"#)#$É#ˆÃDŽ
C
L
7° typ.
θ
A
h x 45°
Table 15: 28-pin SOIC (7.5mm/0.300") Package Characteristics
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
TYP.
UNITS
Thermal Impedance, Junction to Free-Air
Θ
JA
Air flow = 0 m/s
80
°C/W
Lead Inductance, Self
L11
Center lead
2.5
nH
Lead Inductance, Mutual
L12
Center lead to any adjacent lead
0.85
nH
Lead Capacitance, Bulk
C11
Center lead to VSS
0.42
pF
Lead Capacitance, Mutual
C12
Center lead to any adjacent lead
0.08
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com