Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6053 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FS6053
Description  LOW-SKEW CLOCK FANOUT BUFFER ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS6053 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FS6053 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS6053 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
XT
April 1999
4.5.99
2
)6)6)6)6
/RZ6NHZ &ORFN)DQRXW%XIIHU ,&V
,62
Table 1: Pin Descriptions
Key: AI = Analog Input; AO = Analog Output; DI = Digital Input; DI
U = Input with Internal Pull-Up; DI
D = Input with Internal Pull-Down; DIO = Digital Input/Output; DI-3 = Three-Level Digital Input,
DO = Digital Output; P = Power/Ground; # = Active Low pin
PIN (FS6050)
PIN (FS6051)
PIN (FS6053)
PIN (FS6054)
TYPE
NAME
DESCRIPTION
11
9
9
9
DI
CLK_IN
Clock input for SDRAM clock outputs
25
15
15
15
DI
U
SCL
Serial clock input
24
14
14
14
DI
UO
SDA
Serial data input/output
4222
DO
SDRAM_0
5333
DO
SDRAM_1
8666
DO
SDRAM_2
9777
DO
SDRAM_3
13
-
-
-
DO
SDRAM_4
14
-
-
-
DO
SDRAM_5
17
-
10
10
DO
SDRAM_6
18
-
11
11
DO
SDRAM_7
SDRAM clock outputs (Byte 0)
31
-
18
18
DO
SDRAM_8
32
-
19
19
DO
SDRAM_9
35
-
-
-
DO
SDRAM_10
36
-
-
-
DO
SDRAM_11
40
22
22
22
DO
SDRAM_12
41
23
23
23
DO
SDRAM_13
44
26
26
26
DO
SDRAM_14
45
27
27
27
DO
SDRAM_15
SDRAM clock outputs (Byte 1)
21
11
12
12
DO
SDRAM_16
28
18
-
17
DO
SDRAM_17
SDRAM feedback clock outputs (Byte 2)
38
20
-
20
DI
U
OE
Output enable tristates all clock outputs when low
3, 7, 12, 16,
20, 29, 33, 37,
42, 46
1, 5, 10, 19,
24, 28
1, 5, 20, 24,
28
1, 5, 24, 28
P
VDD
3.3V ± 5% power supply for SDRAM clock buffers
23
13
13
13
P
VDD_I
2C
3.3V ± 5% power supply for serial communications
6, 10, 15, 19,
22, 27, 30, 34,
39, 43
4, 8, 12, 17,
21, 25
4, 8, 17, 21,
25
4, 8, 21, 25
P
VSS
Ground for SDRAM clock buffers
26
16
16
16
P
VSS_I
2C
Ground for serial communications
1, 2, 47, 48
-
-
-
-
(reserved)
Reserved
Figure 4: Pin Configuration (FS6053)
FS6053
Figure 5: Pin Configuration (FS6054)
FS6054



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com