Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4851-1YRJZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4851-1YRJZ-R2
Description  Low Cost, High Speed, Rail-to-Rail Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4851-1YRJZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4851-1YRJZ-R2 Datasheet HTML 4Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 5Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 6Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 7Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 8Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 9Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 10Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 11Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADA4851-1/ADA4851-2/ADA4851-4
Rev. C | Page 8 of 20
5.4
6.2
0.1
100
FREQUENCY (MHz)
110
6.1
6.0
5.9
5.8
5.7
5.6
5.5
VS = ±5V
G = +2
RL = 150Ω
RF = 1kΩ
VOUT = 100mV p-p
VOUT = 1V p-p
VOUT = 2V p-p
Figure 12. 0.1 dB Flatness Response
–6
–5
–4
–3
–2
–1
0
1
1
100
10
300
VS = ±5V
G = +1
VOUT = 1V p-p
RL = 1kΩ
RL = 150Ω
FREQUENCY (MHz)
Figure 13. Large Frequency Response for Various Loads
–20
0
20
40
60
80
100
120
100k
10k
100
1k
10
1M
10M
100M
1G
FREQUENCY (Hz)
PHASE
GAIN
VS = ±5V
140
–240
–210
–180
–150
–120
–90
–60
–30
0
Figure 14. Open-Loop Gain and Phase vs. Frequency
–110
–40
0.1
10
FREQUENCY (MHz)
1
–50
–60
–70
–80
–90
–100
G = –1
VS = 3V
RL = 150Ω
VOUT = 2V
HD3
HD2
Figure 15. Harmonic Distortion vs. Frequency
–120
–110
–100
–90
–80
–70
–60
–50
0
1
2
3
456
7
8
9
10
OUTPUT AMPLITUDE (V p-p)
G = +2
VS = ±5V
RL = 1kΩ
f = 2MHz
HD2
HD3
Figure 16. Harmonic Distortion vs. Output Voltage
0.1
10
FREQUENCY (MHz)
1
–40
–50
–60
–70
–80
–90
–100
–110
RL = 1kΩ HD2
RL = 150Ω HD2
RL = 1kΩ HD3
RL = 150Ω HD3
G = +1
VOUT = 2V p-p
VS = ±5V
Figure 17. Harmonic Distortion vs. Frequency for Various Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com