Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4851-1YRJZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4851-1YRJZ-R2
Description  Low Cost, High Speed, Rail-to-Rail Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4851-1YRJZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4851-1YRJZ-R2 Datasheet HTML 9Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 10Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 11Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 12Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 13Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 14Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 15Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 16Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADA4851-1/ADA4851-2/ADA4851-4
Rev. C | Page 13 of 20
CIRCUIT DESCRIPTION
The ADA4851-1, ADA4851-2, and ADA4851-4 feature a high
slew rate input stage that is a true single-supply topology,
capable of sensing signals at or below the minus supply rail. The
rail-to-rail output stage can pull within 60 mV of either supply
rail when driving light loads and within 0.17 V when driving
150 Ω. High speed performance is maintained at supply
voltages as low as 2.7 V.
HEADROOM CONSIDERATIONS
These amplifiers are designed for use in low voltage systems.
To obtain optimum performance, it is useful to understand the
behavior of the amplifiers as input and output signals approach
the amplifiers’ headroom limits. The amplifiers’ input common-
mode voltage range extends from the negative supply voltage
(actually 200 mV below this), or from ground for single-supply
operation, to within 2.2 V of the positive supply voltage.
Therefore, at a gain of 3, the amplifiers can provide full rail-to-
rail output swing for supply voltages as low as 3.3 V and down
to 3 V for a gain of 4.
Exceeding the headroom limit is not a concern for any inverting
gain on any supply voltage, as long as the reference voltage at
the amplifier’s positive input lies within the amplifier’s input
common-mode range.
The input stage is the headroom limit for signals approaching
the positive rail. Figure 40 shows a typical offset voltage vs. the
input common-mode voltage for the ADA4851-1/ADA4851-2/
ADA4851-4 amplifiers on a ±5 V supply. Accurate dc
performance is maintained from approximately 200 mV below
the minus supply to within 2.2 V of the positive supply. For high
speed signals, however, there are other considerations. Figure 41
shows −3 dB bandwidth vs. dc input voltage for a unity-gain
follower. As the common-mode voltage gets within 2 V of
positive supply, the amplifier responds well but the bandwidth
begins to drop as the common-mode voltage approaches the
positive supply. This can manifest itself in increased distortion
or settling time. Higher frequency signals require more
headroom than the lower frequencies to maintain distortion
performance.
600
580
560
540
520
500
480
460
440
–6
–5
–4
–3
–2
–1
0
1
2
3
4
VCM (V)
Figure 40. VOS vs. Common-Mode Voltage, VS = ±5 V
–6
–5
–4
–3
–2
–1
0
1
0.1
10
1
100
FREQUENCY (MHz)
2
1000
G = +1
RL = 1kΩ
VS = 5V
VCM = 3.0V
VCM = 3.1V
VCM = 3.2V
VCM = 3.3V
Figure 41. Unity-Gain Follower Bandwidth vs. Input Common-Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com