Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4851-1YRJZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4851-1YRJZ-R2
Description  Low Cost, High Speed, Rail-to-Rail Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4851-1YRJZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4851-1YRJZ-R2 Datasheet HTML 6Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 7Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 8Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 9Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 10Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 11Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 12Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 13Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADA4851-1/ADA4851-2/ADA4851-4
Rev. C | Page 10 of 20
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
0.5
1.0
1.5
2.0
2.5
3.0
TIME (ns)
50
0
100
150
200
VS = +5V
VS = ±5V
G = +1
RL = 150Ω
Figure 24. Large Signal Transient Response for Various Supplies
0
0.1
0.2
0.3
0.4
0.5
0
5
10
15
20
25
30
35
LOAD CURRENT (mA)
+VS – VOUT
VS = +3V
VS = ±5V
–VS – VOUT
Figure 25. Output Saturation Voltage vs. Load Current
0
200
400
300
100
600
500
01
2
3
456
7
8
9
OUTPUT VOLTAGE STEP (V p-p)
G = +2
VS = ±5V
RL = 1kΩ
25% TO 75% OF VO
10
POSITIVE SLEW RATE
NEGATIVE SLEW RATE
Figure 26. Slew Rate vs. Output Voltage
–1
0
1
2
3
4
5
6
030
15
45
TIME (
μs)
G = +2
VS = 5V
fIN = 400kHz
VOUT
VDISABLE
Figure 27. Enable/Disable Time
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–5
–4
–3
–2
–1
0
1
2
3
4
5
DISABLE VOLTAGE (V)
VS = ±5V
VS = +5V
VS = +3V
Figure 28. ADA4851-1, Supply Current vs. POWER DOWN Pin Voltage
TEMPERATURE (
°C)
–40
–25
–10
5
20
35
50
65
80
95
110
125
–400
–300
–200
–100
0
100
200
300
VS = ±5V
VS = +5V
VS = +3V
Figure 29. Input Offset Voltage vs. Temperature for Various Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com