Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4851-1YRJZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4851-1YRJZ-R2
Description  Low Cost, High Speed, Rail-to-Rail Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4851-1YRJZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4851-1YRJZ-R2 Datasheet HTML 12Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 13Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 14Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 15Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 16Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 17Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 18Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 19Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADA4851-1/ADA4851-2/ADA4851-4
Rev. C | Page 17 of 20
0.80
0.60
0.40
8°
0°
4
8
1
5
4.90
BSC
PIN 1
0.65 BSC
3.00
BSC
SEATING
PLANE
0.15
0.00
0.38
0.22
1.10 MAX
3.00
BSC
COPLANARITY
0.10
0.23
0.08
COMPLIANT TO JEDEC STANDARDS MO-187-AA
Figure 48. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Outline
Branding
ADA4851-1YRJZ-R21
−40°C to +125°C
6-Lead Small Outline Transistor Package (SOT-23)
RJ-6
HHB
ADA4851-1YRJZ-RL1
−40°C to +125°C
6-Lead Small Outline Transistor Package (SOT-23)
RJ-6
HHB
ADA4851-1YRJZ-RL71
−40°C to +125°C
6-Lead Small Outline Transistor Package (SOT-23)
RJ-6
HHB
ADA4851-2YRMZ1
−40°C to +125°C
8-Lead Mini Small Outline Package (MSOP)
RM-8
HSB
ADA4851-2YRMZ-RL1
−40°C to +125°C
8-Lead Mini Small Outline Package (MSOP)
RM-8
HSB
ADA4851-2YRMZ-RL71
−40°C to +125°C
8-Lead Mini Small Outline Package (MSOP)
RM-8
HSB
ADA4851-4YRUZ1
–40°C to +125°C
14-Lead Thin Shrink Small Outline Package (TSSOP)
RU-14
ADA4851-4YRUZ-RL1
–40°C to +125°C
14-Lead Thin Shrink Small Outline Package (TSSOP)
RU-14
ADA4851-4YRUZ-R71
–40°C to +125°C
14-Lead Thin Shrink Small Outline Package (TSSOP)
RU-14
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com