Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4851-1YRJZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4851-1YRJZ-R2
Description  Low Cost, High Speed, Rail-to-Rail Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4851-1YRJZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  ADA4851-1YRJZ-R2 Datasheet HTML 1Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 2Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 3Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 4Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 5Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 6Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 7Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 8Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADA4851-1/ADA4851-2/ADA4851-4
Rev. C | Page 2 of 20
TABLE OF CONTENTS
Specifications..................................................................................... 3
Specifications with +3 V Supply................................................. 3
Specifications with +5 V Supply................................................. 4
Specifications with ±5 V Supply................................................. 5
Absolute Maximum Ratings............................................................ 6
Thermal Resistance ...................................................................... 6
ESD Caution.................................................................................. 6
Typical Performance Characteristics ..............................................7
Circuit Description......................................................................... 13
Headroom Considerations........................................................ 13
Overload Behavior and Recovery ............................................ 14
Single-Supply Video Amplifier................................................. 15
Outline Dimensions ....................................................................... 16
Ordering Guide .......................................................................... 17
REVISION HISTORY
5/05—Rev. B to Rev. C
Changes to General Description .................................................... 1
Changes to Input Section............................................................... 14
4/05—Rev. A to Rev. B
Added ADA4851-2.............................................................Universal
Added 8-Lead MSOP .........................................................Universal
Changes to Features.......................................................................... 1
Changes to General Description .................................................... 1
Changes to Table 1............................................................................ 3
Changes to Table 2............................................................................ 4
Changes to Table 3............................................................................ 5
Changes to Table 4 and Figure 5..................................................... 6
Changes to Figure 12, Figure 15, and Figure 17 ........................... 8
Changes to Figure 18........................................................................ 9
Changes to Figure 28 Caption....................................................... 10
Changes to Figure 33...................................................................... 11
Changes to Figure 36 and Figure 38............................................. 12
Added Figure 39.............................................................................. 12
Changes to Circuit Description Section ...................................... 13
Changes to Headroom Considerations Section ......................... 13
Changes to Overload Behavior and Recovery Section .............. 14
Added Single-Supply Video Amplifier Section .......................... 15
Updated Outline Dimensions ....................................................... 16
Changes to Ordering Guide .......................................................... 17
1/05—Rev. 0 to Rev. A
Added ADA4851-4.............................................................Universal
Added 14-Lead TSSOP ......................................................Universal
Changes to Features ..........................................................................1
Changes to General Description .....................................................1
Changes to Figure 3...........................................................................1
Changes to Specifications.................................................................3
Changes to Figure 4...........................................................................6
Changes to Figure 8...........................................................................7
Changes to Figure 11.........................................................................8
Changes to Figure 22.........................................................................9
Changes to Figure 23, Figure 24, and Figure 25 ......................... 10
Changes to Figure 27 and Figure 28............................................. 10
Changes to Figure 29, Figure 30, and Figure 31 ......................... 11
Changes to Figure 34...................................................................... 11
Added Figure 37 ............................................................................. 12
Changes to Ordering Guide .......................................................... 15
Updated Outline Dimensions....................................................... 15
10/04—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com