Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2593 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2593
Description  50MHz INPUT MIXER AND 450kHz FM IF DEMODULATOR IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2593 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2593 Datasheet HTML 1Page - New Japan Radio NJM2593 Datasheet HTML 2Page - New Japan Radio NJM2593 Datasheet HTML 3Page - New Japan Radio NJM2593 Datasheet HTML 4Page - New Japan Radio NJM2593 Datasheet HTML 5Page - New Japan Radio NJM2593 Datasheet HTML 6Page - New Japan Radio NJM2593 Datasheet HTML 7Page - New Japan Radio NJM2593 Datasheet HTML 8Page - New Japan Radio NJM2593 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NJM2593
Ver.2004-08-25
- 2 -
ABSOLUTE MAXIMUM RATINGS
(Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V+
10.0
V
Power Dissipation
P d
300
mW
Operating Temperature
T o p r
- 40 to +85
°C
Storage Temperature
T s t g
- 40 to +125
°C
RECOMMENDED OPERATING CONDITION
(Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply Voltage
V+
1.8
2.5
9.0
V
ELECTRICAL CHARACTERISTICS
(Ta=25°C, V
+=2.0V, fmix=21.7MHz, flo=21.25MHz, fif=450kHz, fmod=600Hz, fdev=±2kHz, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Current Consumption
I c c q
No signal
-
1.2
1.5
mA
Mixer Conversion Gain
G m i x
VinMIX=60dBuVEMF,
Measured at Pin3, without IF
filter, with 1.8kΩ+0.1uF
-
20
-
dB
Mixer 3rd Order Intercept
IP3
-
95
-
dBuV
Mixer Input Resistance
RinM
-
(4.5)
-
kΩ
Mixer Input Capacitance
CinM
-
(2.0)
-
pF
Mixer Output Resistance
RoM
-
1.8
-
kΩ
Signal to Noise Ratio 1
S/N1
Mixer input
VinMIX=60dBuVEMF
-
60
-
dB
Signal to Noise Ratio 2
S/N2
IF input
VinIF=60dBuVEMF
-
60
-
dB
Signal to Noise Ratio 3
S/N3
IF input
VinIF=25dBuVEMF
-
30
-
dB
-3dB Limiting Sensitivity
Vin(lim)
IF input
-
22
27
dBuVEMF
AM Rejection Ratio
AMR
IF input, AM=30%
VinIF=60dBuVEMF
-
50
-
dB
IF Amplifier Input Resistance
RinIF
-
1.8
-
kΩ
RSSI Output Voltage
Vrssi
IF input
VinIF=40dBuVEMF
-
0.5
-
V
The values shown in parenthesis are reference values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com