Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2593 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM2593
Description  50MHz INPUT MIXER AND 450kHz FM IF DEMODULATOR IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2593 Datasheet(HTML) 5 Page - New Japan Radio

  NJM2593 Datasheet HTML 1Page - New Japan Radio NJM2593 Datasheet HTML 2Page - New Japan Radio NJM2593 Datasheet HTML 3Page - New Japan Radio NJM2593 Datasheet HTML 4Page - New Japan Radio NJM2593 Datasheet HTML 5Page - New Japan Radio NJM2593 Datasheet HTML 6Page - New Japan Radio NJM2593 Datasheet HTML 7Page - New Japan Radio NJM2593 Datasheet HTML 8Page - New Japan Radio NJM2593 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NJM2593
Ver.2004-08-25
- 5 -
External components
C D
: Ceramic discriminator, CDBCB450KCAY70-R0 (Murata Manufacturing Co., Ltd, Japan)
IF FILTER : Ceramic filter, CFWCA450KGFA-R0 (Murata Manufacturing Co., Ltd., Japan)
Measurement condition
“Condition1” is the condition for the case of IF input :
IF SW
: in the A position.
IF IN input signal : input frequency(fif) = 450kHz, input level(VinIF)= 60dBuVEMF,
modulation frequency(fmod)=600Hz, deviation fdev=±2kHz
“Condition 2” is the condition for the case of Mixer Input :
IF SW
: in the B position
MIX IN input signal: input frequency(fmix)=21.7MHz, input level(VinMIX)=60dBuVEMF,
modulation frequency(fmod)=600Hz, deviation fdev=±2kHz
OSC(E)input signal: input frequency(fosc)=21.25MHz, input level(VinOSC)=105dBuVEMF
CERAMIC DISCRIMINATOR (especially designed for NJM2592)
To optimize some important performance, the following ceramic discriminator CD is available. For more information
on this CD and 450kHz CD, please contact the CD supplier.
CDBKB450KCAY75-R0 (Murata Manufacturing Co., Ltd., Japan)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com