Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2593 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM2593
Description  50MHz INPUT MIXER AND 450kHz FM IF DEMODULATOR IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2593 Datasheet(HTML) 3 Page - New Japan Radio

  NJM2593 Datasheet HTML 1Page - New Japan Radio NJM2593 Datasheet HTML 2Page - New Japan Radio NJM2593 Datasheet HTML 3Page - New Japan Radio NJM2593 Datasheet HTML 4Page - New Japan Radio NJM2593 Datasheet HTML 5Page - New Japan Radio NJM2593 Datasheet HTML 6Page - New Japan Radio NJM2593 Datasheet HTML 7Page - New Japan Radio NJM2593 Datasheet HTML 8Page - New Japan Radio NJM2593 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NJM2593
Ver.2004-08-25
- 3 -
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Demodulated Output Level
Vod
IF input
VinIF =60dBuVEMF
70
80
90
mVrms
Duty Ratio of Wave Shaped Output
DR
IF Input
VinIF=60dBuVEMF
40
50
60
%
Quick Charge/Discharge Current
Ich
FSK REF=GND
LPFOUT=0.4V
35
65
110
uA
High Level Leak Current of
CARRIER SENSE Terminal
IcryH
VCARRIERSENSE=V
+
-
(0.0)
-
uA
Low Level Voltage of
CARRIER SENSE Terminal
VcryL
ICARRIERSENSE=100uA
-
0.1
0.4
V
Bias Current of
SENSE LEVEL Terminal
Ilevel
VCARRIERSENSE=0.8V
-
(0.0)
-
uA
High Level Leak Current of
FSK OUT Terminal
IfskH
VFSKOUT=V
+
-
(0.0)
-
uA
Low Level Voltage of
FSK OUT Terminal
VfskL
IFSKOUT=100uA
-
0.1
0.4
dB
The values shown in parenthesis are reference values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com