Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2593 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM2593
Description  50MHz INPUT MIXER AND 450kHz FM IF DEMODULATOR IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2593 Datasheet(HTML) 4 Page - New Japan Radio

  NJM2593 Datasheet HTML 1Page - New Japan Radio NJM2593 Datasheet HTML 2Page - New Japan Radio NJM2593 Datasheet HTML 3Page - New Japan Radio NJM2593 Datasheet HTML 4Page - New Japan Radio NJM2593 Datasheet HTML 5Page - New Japan Radio NJM2593 Datasheet HTML 6Page - New Japan Radio NJM2593 Datasheet HTML 7Page - New Japan Radio NJM2593 Datasheet HTML 8Page - New Japan Radio NJM2593 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NJM2593
Ver.2004-08-25
- 4 -
TEST CIRCUIT
This test circuit allows the measurement of all parameters described in “ELECTRICAL CHARACTERISTICS”. This
test circuit includes some electrical switches that should be in the suitable position for the measurement of each
parameter.
Test Circuit 1 (except for Gmix)
Test Circuit 2 (for Gmix)
450kHz
3300p
68k
68k
0.01u
1000p
1000p
20
19
18
17
16
15
14
13
12
11
BUFFER
OSC
MIXER
RSSI COMP
FILTER AMP
QUAD
DET
FSK COMP
CHARGE
1
2
3
4
5
6
7
8
9
10
FSK
OUT
CARRIER
SENSE
RSSI
OUT
V
+
68k
V
+
0.1u
51
0.1u
10u
10u
CD
560p
V
+
IF AMP
RSSI
100k
100k
A
B
IF FILTER
IF SW
1000p
Hi
Lo
CHARGE
SWITCH
-
+
+
-
+
-
+
-
AF
OUT
SENSE
LEVEL
51
1000p
51
IF IN
LO IN
RF IN
21.7MHz
21.25MHz
10u
R1
C1
OPEN
450kHz
3300p
68k
68k
0.01u
1000p
1000p
20
19
18
17
16
15
14
13
12
11
BUFFER
OSC
MIXER
RSSI COMP
FILTER AMP
QUAD
DET
FSK COMP
CHARGE
1
2
3
4
5
6
7
8
9
10
FSK
OUT
CARRIER
SENSE
RSSI
OUT
V
+
68k
V
+
0.1u
51
0.1u
10u
10u
CD
560p
V
+
IF AMP
RSSI
100k
100k
A
B
IF FILTER
IF SW
1000p
Hi
Lo
CHARGE
SWITCH
-
+
+
-
+
-
+
-
AF
OUT
SENSE
LEVEL
51
1000p
51
IF IN
LO IN
RF IN
21.7MHz
21.25MHz
10u
R1
C1
0.1u
1.8k
MIX OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com