Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2593 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2593
Description  50MHz INPUT MIXER AND 450kHz FM IF DEMODULATOR IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2593 Datasheet(HTML) 1 Page - New Japan Radio

  NJM2593 Datasheet HTML 1Page - New Japan Radio NJM2593 Datasheet HTML 2Page - New Japan Radio NJM2593 Datasheet HTML 3Page - New Japan Radio NJM2593 Datasheet HTML 4Page - New Japan Radio NJM2593 Datasheet HTML 5Page - New Japan Radio NJM2593 Datasheet HTML 6Page - New Japan Radio NJM2593 Datasheet HTML 7Page - New Japan Radio NJM2593 Datasheet HTML 8Page - New Japan Radio NJM2593 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
NJM2593
-1-
Ver.2004-08-25
50MHz INPUT MIXER AND 450kHz FM IF DEMODULATOR IC
GENERAL DESCRIPTION
PACKAGE OUTLINE
The NJM2593
is a wide-operating voltage, low-current
FM IF demodulator IC with 450kHz(standard) IF frequency.
It includes an oscillator, mixer, limiting amplifier, quadrature
detector, active filter, and FSK comparator.
The NJM2593
also has a RSSI circuit and RSSI comparator
for carrier sense.
NJM2593V
FEATURES
Wide Operating Voltage
1.8V to 9.0V
Low Operating Current
1.2mA type. at V+=2.0V, external local oscillator input
Maximum Mixer Input Signal
Frequency
50MHz (reference value)
Mixer Input Resistance
4.5kΩ (reference value)
IF Frequency
450kHz (standard)
Conventional Quadrature Detector
External Phase-shifting Capacitor
External Discriminator or LC Resonant Circuit
RSSI Comparator with Open-Collector Output
Quick Charge/Discharge Circuit for FSK Reference Voltage
Bipolar Technology
Package Outline
SSOP20
BLOCK DIAGRAM
20
19
18
17
16
15
14
13
12
11
BUFFER
OSC
MIXER
RSSI COMP
IF AMP
FILTER AMP
QUAD
DET
FSK COMP
CHARGE
1
2
3
4
5
6
7
8
9
10
OSC
(B)
OSC
(E)
MIX
OUT
V+
IF
IN
DEC
IF
OUT
QUAD
IN
AF
OUT
LPF
OUT
CHARGE
SW
FSK
OUT
FSK
VREF2
CARRIER
SENSE
RSSI
OUT
SENSE
LEVEL
GND
MIX
IN
LPF
IN
RSSI
FSK
VREF1
+
-
+
-
+
-
-
+


Similar Part No. - NJM2593

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM2593 NISSHINBO-NJM2593 Datasheet
314Kb / 16P
50MHz INPUT MIXER AND 450kHz FM IF DEMODULATOR IC
Ver.2018-03-09
NJM2593V NISSHINBO-NJM2593V Datasheet
314Kb / 16P
50MHz INPUT MIXER AND 450kHz FM IF DEMODULATOR IC
Ver.2018-03-09
More results

Similar Description - NJM2593

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
FM IF amplifier and demodulator
logo
New Japan Radio
NJM2590 NJRC-NJM2590 Datasheet
60Kb / 2P
455kHz INPUT FM IF DEMODULATOR IC
NJM2592 NJRC-NJM2592 Datasheet
69Kb / 3P
470MHz INPUT 455kHz FM IF DEMODULATOR
NJM2597 NJRC-NJM2597 Datasheet
248Kb / 16P
455kHz INPUT FM IF DEMODULATOR
NJM2591 NJRC-NJM2591 Datasheet
239Kb / 13P
100MHz INPUT 450kHz FM IF DEMODULATOR IC FOR VOICE
NJM2550 NJRC-NJM2550 Datasheet
185Kb / 15P
10.7MHz INPUT FM IF DEMODULATOR
NJM2552 NJRC-NJM2552 Datasheet
285Kb / 21P
100MHz INPUT MIXER AND 450kHz FM/AM IF DEMODULATOR IC
NJM2592 NJRC-NJM2592_1 Datasheet
297Kb / 16P
470MHz INPUT MIXER AND 455kHz FM IF DEMODULATOR IC
NJM2590V-TE1 NJRC-NJM2590V-TE1 Datasheet
245Kb / 16P
455kHz INPUT FM IF DEMODULATOR
NJM2592V-TE1 NJRC-NJM2592V-TE1 Datasheet
297Kb / 16P
470MHz INPUT MIXER AND 455kHz FM IF DEMODULATOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com