Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ED2181S06F Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # 2ED2181S06F
Description  650 V high-side and low-side gate driver with integrated bootstrap diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2ED2181S06F Datasheet(HTML) 1 Page - Infineon Technologies AG

  2ED2181S06F Datasheet HTML 1Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 2Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 3Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 4Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 5Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 6Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 7Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 8Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Datasheet
Please read the Important Notice and Warnings at the end of this document
V 2.21
www.infineon.com/soi
Page 1 of 24
2020-07-07
2ED2181 (4) S06F (J)
2ED2181 (4) S06F (J)
650 V high-side and low-side gate driver with integrated bootstrap diode
Features
Product summary
• Unique Infineon Thin-Film-Silicon On Insulator (SOI)-technology
VS_OFFSET = 650 V max
• Negative VS transient immunity of 100 V
Io+pk / Io-pk(typ.) =+ 2.5 A/ - 2.5 A
• Floating channel designed for bootstrap operation
VCC = 10 V to 20 V
• Operating voltages (VS node) upto + 650 V
Delay matching = 35 ns max.
• Maximum bootstrap voltage (VB node) of + 675 V
Propogation delay = 200 ns
• Integrated ultra-fast, low resistance bootstrap diode
tON / tOFF (typ.) = 200 ns/ 200 ns
• Logic operational up to –11 V on VS Pin
• Negative voltage tolerance on inputs of –5 V
• Independent under voltage lockout for both channels
• Schmitt trigger inputs with hysteresis
• 3.3 V, 5 V and 15 V input logic compatible
• Maximum supply voltage of 25 V
• Dual package options of DSO-8 and DSO-14
• High and low voltage pins separated for maximum creepage and
clearance (2ED21814S06J version)
• Separate logic and power ground with the 2ED21814S06J version
• RoHS compliant
Potential applications
Driving IGBTs, enhancement mode N-Channel MOSFETs in various power electronic applications.
Typical Infineon recommendations are as below:
• Motor drives, general purpose inverters having TRENCHSTOP ™ IGBT6 or 600 V EasyPACK™ modules
• Refrigeration compressors, induction cookers, other major home appliances having RCD series IGBTs or
TRENCHSTOP™ family IGBTs or their equivalent power stages
• Battery operated small home appliances such as power tools, vaccum cleaners using low voltage OptiMOS™
MOSFETs or their equivalent power stages
• Totem pole, half-bridge and full-bridge converters in offline AC-DC power supplies for industrial SMPS having
high voltage CoolMOS™ super junction MOSFETs or TRENCHSTOP™ H3 and WR5 IGBT series
• High power LED and HID lighting having CoolMOS™ super junction MOSFETs
• Electric vehicle (EV) charging stations and battery management systems
• Driving 650 V SiC MOSFETs in above applications
Product validation
Qualified for industrial applications according to the relevant tests of JEDEC47/20/22
Ordering information
Base part number
Package type
Standard pack
Orderable part number
Form
Quantity
2ED2181S06F
DSO – 8
Tape and Reel
2500
2ED2181S06FXUMA1
2ED21814S06J
DSO – 14
Tape and Reel
2500
2ED21814S06JXUMA1
Packages
DSO-8
DSO-14


Similar Part No. - 2ED2181S06F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2ED2181S06F INFINEON-2ED2181S06F Datasheet
2Mb / 25P
650 V half-bridge gate driver with integrated bootstrap diode
V 2.21 2020-07-07
More results

Similar Description - 2ED2181S06F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2ED2106S06F INFINEON-2ED2106S06F Datasheet
1Mb / 24P
650 V high-side and low-side gate driver with integrated bootstrap diode
V 2.22 2020-07-02
2ED2108S06F INFINEON-2ED2108S06F Datasheet
1Mb / 25P
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
2ED2109S06F INFINEON-2ED2109S06F Datasheet
1Mb / 26P
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
2ED21091S06F INFINEON-2ED21091S06F Datasheet
1Mb / 26P
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
IRS2807DS INFINEON-IRS2807DS Datasheet
2Mb / 26P
600-V High- and Low-Side Driver with Bootstrap Diode
Rev 1.1 2017-11-27
2ED2110S06M INFINEON-2ED2110S06M Datasheet
1Mb / 25P
650 V high-side and low-side gate driver with integrated bootstrap diode
V 2.1 2020-12-07
2ED2101S06F INFINEON-2ED2101S06F Datasheet
1Mb / 24P
650 V high-side and low-side gate driver with integrated bootstrap diode
V 2.3 2020-12-07
2ED2732S01G INFINEON-2ED2732S01G Datasheet
549Kb / 22P
160 V high side, low side SOI gate driver with integrated bootstrap diode
V 1.0 2023-06-01
2ED2734S01G INFINEON-2ED2734S01G Datasheet
550Kb / 22P
160 V high side, low side SOI gate driver with integrated bootstrap diode
V 1.0 2023-06-01
2ED2738S01G INFINEON-2ED2738S01G Datasheet
550Kb / 22P
160 V high side, low side SOI gate driver with integrated bootstrap diode
V 1.0 2023-06-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com