Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ED2181S06F Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # 2ED2181S06F
Description  650 V high-side and low-side gate driver with integrated bootstrap diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2ED2181S06F Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button 2ED2181S06F Datasheet HTML 9Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 10Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 11Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 12Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 13Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 14Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 15Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 16Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Datasheet
13 of 24
V 2.21
www.infineon.com/soi
2020-07-07
2ED2181 (4) S06F (J)
650 V high-side and low-side driver with integrated bootstrap diode
= ∆
∆VBS is the maximum allowable voltage drop at the bootstrap capacitor within a switching period, typically 1 V.
It is recommended to keep the voltage drop below the undervoltage lockout (UVLO) of the high side and limit
∆VBS≤ (VCC– VF– VGSmin– VDSon)
VGSmin > VBSUV- , VGSmin is the minimum gate source voltage we want to maintain and VBSUV- is the high-side supply
undervoltage negative threshold.
VCC is the IC voltage supply, VF is bootstrapdiode forward voltage and VDSon is drain-source voltage of low side
MOSFET.
Please note, that the value QGTOT may vary to a maximum value based on different factors as explained below and
the capacitor shows voltage dependent derating behavior of its capacitance.
The influencing factors contributing VBS to decrease are:
- MOSFET turn on required Gate charge (QG)
- MOSFET gate-source leakage current (ILK_GS)
- Floating section quiescent current (IQBS)
- Floating section leakage current (ILK)
- Bootstrap diode leakage current (ILK_DIODE)
- Charge required by the internal level shifters (
): typical 1nC
- Bootstrap capacitor leakage current (ILK_CAP)
- High side on time (THON)
Considering the above,
= + + + + + + ∗
ILK_CAP is only relevant when using an electrolytic capacitor and can be ignored if other types of capacitors are
used. It is strongly recommend using at least one low ESR ceramic capacitor (paralleling electrolytic capacitor
and low ESR ceramic capacitor may result in an efficient solution).
The above CBS equation is valid for pulse by pulse considerations. It is easy to see, that higher capacitance values
are needed, when operating continuously at small duty cycles of low side. The recommended bootstrap
capacitance is therefore in the range up to 4.7 μF for most switching frequencies. The performance of the
integrated bootstrap diode supports the requirement for small bootstrap capacitances.
5.8
Tolerant to negative tranisents on input pins
Typically the driver's ground pin is connected close to the source pin of the MOSFET or IGBT. The microcontroller
which sends the HIN and LIN PWM signals refers to the same ground and in most cases there will be an offset
voltage between the microcontroller ground pin and driver ground because of ground bounce. The 2ED218x
family can handle negative voltage spikes up to 5 V. The recommended operating level is at negative 4 V with
absolute maximum of negative 5 V. Standard half bridge or high-side/low-side drivers only allow negative voltage
levels down to -0.3 V. The 2ED218x family has much better noise immunity capability on the input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com