Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ED2181S06F Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # 2ED2181S06F
Description  650 V high-side and low-side gate driver with integrated bootstrap diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2ED2181S06F Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button 2ED2181S06F Datasheet HTML 16Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 17Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 18Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 19Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 20Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 21Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 22Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 23Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 24Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Datasheet
21 of 24
V 2.21
www.infineon.com/soi
2020-07-07
2ED2181 (4) S06F (J)
650 V high-side and low-side driver with integrated bootstrap diode
9
Part marking information
2ED2181
Part number
Infineon logo
Pin 1
identifier
Date code
H YYWW
(may vary)
Front Side
Back Side
Assembly
site code
X
XXXX
XXXX
XXX
Lot code
Figure 25 Marking information PG-DSO-8
2D21814S06J
Part number
Infineon logo
Pin 1
identifier
Date code
H YYWW XXX
Front Side
Assembly
site code
XXXXXXXXXXX
Lot code
Figure 26 Marking information PG-DSO-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com