Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ED2181S06F Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # 2ED2181S06F
Description  650 V high-side and low-side gate driver with integrated bootstrap diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2ED2181S06F Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button 2ED2181S06F Datasheet HTML 12Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 13Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 14Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 15Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 16Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 17Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 18Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 19Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Datasheet
16 of 24
V 2.21
www.infineon.com/soi
2020-07-07
2ED2181 (4) S06F (J)
650 V high-side and low-side driver with integrated bootstrap diode
Figure 18
Negative VS transient SOA for 2ED2181(4)S06F(J) @ VBS=15 V
Even though the 2ED2181S06F(J) has been shown able to handle these large negative VS transient conditions, it
is highly recommended that the circuit designer always limit the negative VS transients as much as possible by
careful PCB layout and component use.
5.11
Higher headroom for input to output signal transmission with logic
operation upto -11 V
If there is not enough voltage for the level shifter to transmit a valid signal to the high side.High side driver doesn’t
turn on. The level shifter circuit is with respect to COM (refer to Block Diagram on page 4), the voltage from VB to
COM is the supply voltage of level shifter. Under the condition of VS is negative voltage with respect to COM, the
voltage of VS - COM is decreased, as shown in Figure 19. There is a minimum operational supply voltage of level
shifter, if the supply voltage of level shifter is too low, the level shifter cannot pass through HIN signal to HO. If VB
– VS voltage is different, the minimum VS voltage changes accordingly.
VS
- 11 V
COM
Figure 19
Headroom for HV level shifter data transmission
5.12
Maximum switching frequency
The 2ED218x family is capable of switching at higher frequencies as compared to standard half-bridge or high
side / low side gate drivers. They are available in two packages, the PG-DSO-8 and the PG-DSO-14. It is essential
to ensure that the component is not thermally overloaded when operating at higher frequencies. This can be
checked by means of the thermal resistance junction to ambient and the calculation or measurement of the
dissipated power. The thermal resistance is given in the datasheet (section 4) and refers to a specific layout.
Changes of this layout may lead to an increased thermal resistance, which will reduce the total dissipated power
Recommended safe operating area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com