Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ED2181S06F Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # 2ED2181S06F
Description  650 V high-side and low-side gate driver with integrated bootstrap diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2ED2181S06F Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button 2ED2181S06F Datasheet HTML 13Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 14Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 15Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 16Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 17Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 18Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 19Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 20Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Datasheet
17 of 24
V 2.21
www.infineon.com/soi
2020-07-07
2ED2181 (4) S06F (J)
650 V high-side and low-side driver with integrated bootstrap diode
of the driver IC. One should therefore do temperature measurements in order to avoid thermal overload under
application relevant conditions of ambient temperature and housing.
The maximum chip temperature TJ can be calculated with
=Pd∙ ℎ + _ ,whereTA_maxisthemaximumambienttemperature.
The dissipated power Pd by the driver IC is a combination of several sources. These are explained in detail in the
application note “Advantages of Infineon’s Silicon on Insulator (SOI) technology based High Voltage Gate Driver
ICs (HVICs)”
The output section is the major contributor for the power dissipation of the gate driver IC. The external gate
resistors also contribute to the power disspation of the gate driver IC. The bigger the external gate resistor, the
smaller the power dissipation in the gate driver.
The losses of the output section are calculated by means of the total gate charge of the power MOSFET or IGBT
it is driving Qgtot, the supply voltage VCC, the switching frequency fP, and the ext. gate resistor Rgon and Rgoff. Different
cases for turn-on and turn-off must be considered, because many designs use different resistors for turn-on and
turn-off. This leads to a specific distribution of losses in respect to the external gate resistor Rgxx, ext and the
internal resistances (Ron_int and Roff_int) of the output section.
Turn on losses:
= × × × × __ _
Turn off losses:
= × × × × __ _
The above two losses are then added to the remaining static losses within the gate driver IC and we arrive at the
below figure which estimates the gate driver IC temperature rise when switching a given MOSFET or IGBT at
different switching frequencies.
*Assumptions for above curves: Ta = 25 °C, VBUS = 400 V, VCC= 12 V, Rgon= 10 Ω, Rgoff = 5Ω
Figure 20 Estimated temperature rise in the 2ED218x family gate drivers for different switching
frequencies when switching CoolMOSTMSJ MOSFETs
20
40
60
80
100
120
140
10.00
100.00
Switching Frequency (kHz)
2ED218xS06F family gate drivers
temperature rise
IPW60R037P7
IPP60R180P7
IPP60R360P7
20
40
60
80
100
120
140
10.00
100.00
Switching Frequency (kHz)
2ED218xS06J family gate drivers
temperature rise
IPW60R037P7
IPP60R180P7
IPP60R360P7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com