Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 16 Page - NXP Semiconductors

Part # 98ASH70029A
Description  MC9S08PA60A and MC9S08PA32A are recommended for new design
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 12Page - NXP Semiconductors 98ASH70029A Datasheet HTML 13Page - NXP Semiconductors 98ASH70029A Datasheet HTML 14Page - NXP Semiconductors 98ASH70029A Datasheet HTML 15Page - NXP Semiconductors 98ASH70029A Datasheet HTML 16Page - NXP Semiconductors 98ASH70029A Datasheet HTML 17Page - NXP Semiconductors 98ASH70029A Datasheet HTML 18Page - NXP Semiconductors 98ASH70029A Datasheet HTML 19Page - NXP Semiconductors 98ASH70029A Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
IOL(mA)
VOL(V)
Figure 9. Typical IOL Vs. VOL (high drive strength) (VDD = 3 V)
6.1.2 Supply current characteristics
This section includes information about power supply current in various operating modes.
Table 5. Supply current characteristics
Num
C
Parameter
Symbol
Bus Freq
VDD (V)
Typical1
Max
Unit
Temp
1
C
Run supply current FEI
mode, all modules on; run
from flash
RIDD
20 MHz
5
12.6
—
mA
-40 to 105 °C
C
10 MHz
7.2
—
1 MHz
2.4
—
C
20 MHz
3
9.6
—
C
10 MHz
6.1
—
1 MHz
2.1
—
2
C
Run supply current FEI
mode, all modules off &
gated; run from flash
RIDD
20 MHz
5
10.5
—
mA
-40 to 105 °C
C
10 MHz
6.2
—
1 MHz
2.3
—
C
20 MHz
3
7.4
—
C
10 MHz
5.0
—
1 MHz
2.0
—
3
P
Run supply current FBE
mode, all modules on; run
from RAM
RIDD
20 MHz
5
12.1
14.8
mA
-40 to 105 °C
C
10 MHz
6.5
—
1 MHz
1.8
—
Table continues on the next page...
Nonswitching electrical specifications
MC9S08PA60 Series Data Sheet, Rev. 4, 09/2019
16
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com