Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 23 Page - NXP Semiconductors

Part # 98ASH70029A
Description  MC9S08PA60A and MC9S08PA32A are recommended for new design
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 19Page - NXP Semiconductors 98ASH70029A Datasheet HTML 20Page - NXP Semiconductors 98ASH70029A Datasheet HTML 21Page - NXP Semiconductors 98ASH70029A Datasheet HTML 22Page - NXP Semiconductors 98ASH70029A Datasheet HTML 23Page - NXP Semiconductors 98ASH70029A Datasheet HTML 24Page - NXP Semiconductors 98ASH70029A Datasheet HTML 25Page - NXP Semiconductors 98ASH70029A Datasheet HTML 26Page - NXP Semiconductors 98ASH70029A Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
Table 12. XOSC and ICS specifications (temperature range = -40 to 105 °C ambient)
(continued)
Num
C
Characteristic
Symbol
Min
Typical1
Max
Unit
C
High range (RANGE = 1),
low power (HGO = 0),
FBELP mode
fhi
4
—
20
MHz
2
D
Load capacitors
C1, C2
See Note3
3
D
Feedback
resistor
Low Frequency, Low-Power
Mode4
RF
—
—
—
MΩ
Low Frequency, High-Gain
Mode
—
10
—
MΩ
High Frequency, Low-
Power Mode
—
1
—
MΩ
High Frequency, High-Gain
Mode
—
1
—
MΩ
4
D
Series resistor -
Low Frequency
Low-Power Mode 4
RS
—
—
—
kΩ
High-Gain Mode
—
200
—
kΩ
5
D
Series resistor -
High Frequency
Low-Power Mode4
RS
—
—
—
kΩ
D
Series resistor -
High
Frequency,
High-Gain Mode
4 MHz
—
0
—
kΩ
D
8 MHz
—
0
—
kΩ
D
16 MHz
—
0
—
kΩ
6
C
Crystal start-up
time Low range
= 32.768 kHz
crystal; High
range = 20 MHz
crystal5, 6
Low range, low power
tCSTL
—
1000
—
ms
C
Low range, high power
—
800
—
ms
C
High range, low power
tCSTH
—
3
—
ms
C
High range, high power
—
1.5
—
ms
7
T
Internal reference start-up time
tIRST
—
20
50
µs
8
D
Square wave
input clock
frequency
FEE or FBE mode2
fextal
0.03125
—
5
MHz
D
FBELP mode
0
—
20
MHz
9
P
Average internal reference frequency -
trimmed
fint_t
—
32.768
—
kHz
10
P
DCO output frequency range - trimmed
fdco_t
16
—
20
MHz
11
P
Total deviation
of DCO output
from trimmed
frequency5
Over full voltage and
temperature range
Δfdco_t
—
—
±2.0
%fdco
C
Over fixed voltage and
temperature range of 0 to
70 °C
±1.0
12
C
FLL acquisition time5, 7
tAcquire
—
—
2
ms
13
C
Long term jitter of DCO output clock
(averaged over 2 ms interval)8
CJitter
—
0.02
0.2
%fdco
1. Data in Typical column was characterized at 5.0 V, 25 °C or is typical recommended value.
2. When ICS is configured for FEE or FBE mode, input clock source must be divisible using RDIV to within the range of 31.25
kHz to 39.0625 kHz.
3. See crystal or resonator manufacturer's recommendation.
4. Load capacitors (C1,C2), feedback resistor (RF) and series resistor (RS) are incorporated internally when RANGE = HGO =
0.
Peripheral operating requirements and behaviors
MC9S08PA60 Series Data Sheet, Rev. 4, 09/2019
NXP Semiconductors
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com