Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 22 Page - NXP Semiconductors

Part # 98ASH70029A
Description  MC9S08PA60A and MC9S08PA32A are recommended for new design
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 18Page - NXP Semiconductors 98ASH70029A Datasheet HTML 19Page - NXP Semiconductors 98ASH70029A Datasheet HTML 20Page - NXP Semiconductors 98ASH70029A Datasheet HTML 21Page - NXP Semiconductors 98ASH70029A Datasheet HTML 22Page - NXP Semiconductors 98ASH70029A Datasheet HTML 23Page - NXP Semiconductors 98ASH70029A Datasheet HTML 24Page - NXP Semiconductors 98ASH70029A Datasheet HTML 25Page - NXP Semiconductors 98ASH70029A Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Table 11. Thermal attributes
Board type
Symbo
l
Description
64
LQFP
64 QFP
48
LQFP
44
LQFP
32
LQFP
Unit
Notes
Single-layer (1S)
RθJA
Thermal resistance,
junction to ambient (natural
convection)
71
61
81
75
86
°C/W
1, 2
Four-layer (2s2p)
RθJA
Thermal resistance,
junction to ambient (natural
convection)
53
47
57
53
57
°C/W
1, 3
Single-layer (1S)
RθJMA Thermal resistance,
junction to ambient (200 ft./
min. air speed)
59
50
68
62
72
°C/W
1, 3
Four-layer (2s2p)
RθJMA Thermal resistance,
junction to ambient (200 ft./
min. air speed)
46
41
50
47
51
°C/W
1, 3
—
RθJB
Thermal resistance,
junction to board
35
32
34
34
33
°C/W
4
—
RθJC
Thermal resistance,
junction to case
20
23
24
20
24
°C/W
5
—
ΨJT
Thermal characterization
parameter, junction to
package top outside center
(natural convection)
5
8
6
5
6
°C/W
6
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site
(board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and board
thermal resistance.
2. Per JEDEC JESD51-2 with the single layer board (JESD51-3) horizontal.
3. Per JEDEC JESD51-6 with the board (JESD51-7) horizontal.
4. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured
on the top surface of the board near the package.
5. Thermal resistance between the die and the solder pad on the bottom of the package. Interface resistance is ignored.
6. Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization.
7 Peripheral operating requirements and behaviors
7.1 External oscillator (XOSC) and ICS characteristics
Table 12. XOSC and ICS specifications (temperature range = -40 to 105 °C ambient)
Num
C
Characteristic
Symbol
Min
Typical1
Max
Unit
1
C
Oscillator
crystal or
resonator
Low range (RANGE = 0)
flo
31.25
32.768
39.0625
kHz
C
High range (RANGE = 1)
FEE or FBE mode2
fhi
4
—
20
MHz
C
High range (RANGE = 1),
high gain (HGO = 1),
FBELP mode
fhi
4
—
20
MHz
Table continues on the next page...
Peripheral operating requirements and behaviors
MC9S08PA60 Series Data Sheet, Rev. 4, 09/2019
22
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com