Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 17 Page - NXP Semiconductors

Part # 98ASH70029A
Description  MC9S08PA60A and MC9S08PA32A are recommended for new design
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 13Page - NXP Semiconductors 98ASH70029A Datasheet HTML 14Page - NXP Semiconductors 98ASH70029A Datasheet HTML 15Page - NXP Semiconductors 98ASH70029A Datasheet HTML 16Page - NXP Semiconductors 98ASH70029A Datasheet HTML 17Page - NXP Semiconductors 98ASH70029A Datasheet HTML 18Page - NXP Semiconductors 98ASH70029A Datasheet HTML 19Page - NXP Semiconductors 98ASH70029A Datasheet HTML 20Page - NXP Semiconductors 98ASH70029A Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
Table 5. Supply current characteristics (continued)
Num
C
Parameter
Symbol
Bus Freq
VDD (V)
Typical1
Max
Unit
Temp
P
20 MHz
3
9.1
11.8
C
10 MHz
5.5
—
1 MHz
1.5
—
4
P
Run supply current FBE
mode, all modules off &
gated; run from RAM
RIDD
20 MHz
5
9.8
12.3
mA
-40 to 105 °C
C
10 MHz
5.4
—
1 MHz
1.6
—
P
20 MHz
3
6.9
9.2
C
10 MHz
4.4
—
1 MHz
1.4
—
5
C
Wait mode current FEI
mode, all modules on
WIDD
20 MHz
5
7.8
—
mA
-40 to 105 °C
C
10 MHz
4.5
—
1 MHz
1.3
—
C
20 MHz
3
5.1
—
10 MHz
3.5
—
1 MHz
1.2
—
6
C
Stop3 mode supply
current no clocks active
(except 1 kHz LPO
clock)2, 3
S3IDD
—
5
1.45
—
µA
-40 to 105 °C
C
—
3
1.4
—
-40 to 105 °C
7
C
ADC adder to stop3
ADLPC = 1
ADLSMP = 1
ADCO = 1
MODE = 10B
ADICLK = 11B
—
—
5
44
—
µA
-40 to 105 °C
C
3
40
—
8
C
LVD adder to stop34
—
—
5
130
—
µA
-40 to 105 °C
C
3
125
—
1. Data in Typical column was characterized at 5.0 V, 25 °C or is typical recommended value.
2. RTC adder cause <1 µA IDD increase typically, RTC clock source is 1 kHz LPO clock.
3. ACMP adder cause <10 µA IDD increase typically.
4. LVD is periodically woken up from stop3 by 5% duty cycle. The period is equal to or less than 2 ms.
6.1.3 EMC performance
Electromagnetic compatibility (EMC) performance is highly dependent on the
environment in which the MCU resides. Board design and layout, circuit topology
choices, location and characteristics of external components as well as MCU software
operation all play a significant role in EMC performance. The system designer should
consult NXP applications notes such as AN2321, AN1050, AN1263, AN2764, and
AN1259 for advice and guidance specifically targeted at optimizing EMC performance.
Nonswitching electrical specifications
MC9S08PA60 Series Data Sheet, Rev. 4, 09/2019
NXP Semiconductors
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com