Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 98ASH70029A
Description  MC9S08PA60A and MC9S08PA32A are recommended for new design
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 2Page - NXP Semiconductors 98ASH70029A Datasheet HTML 3Page - NXP Semiconductors 98ASH70029A Datasheet HTML 4Page - NXP Semiconductors 98ASH70029A Datasheet HTML 5Page - NXP Semiconductors 98ASH70029A Datasheet HTML 6Page - NXP Semiconductors 98ASH70029A Datasheet HTML 7Page - NXP Semiconductors 98ASH70029A Datasheet HTML 8Page - NXP Semiconductors 98ASH70029A Datasheet HTML 9Page - NXP Semiconductors 98ASH70029A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
2 Orderable part numbers
The following table summarizes the part numbers of the devices covered by this
document.
Table 1. Ordering information
Feature
MC9S08PA60(A)
MC9S08PA32(A)
Part
Number
VLH
VQH
VLF
VLD
VLC
VLH
VQH
VLF
VLD
VLC
Max.
frequency
(MHz)
20
20
20
20
20
20
20
20
20
20
Flash
memory
(KB)
60
60
60
60
60
32
32
32
32
32
RAM (KB) 4
4
4
4
4
4
4
4
4
4
EEPROM
(B)
256
256
256
256
256
256
256
256
256
256
12-bit
ADC
16ch
16ch
12ch
12ch
12ch
16ch
16ch
12ch
12ch
12ch
16-bit
FlexTimer
6ch+2ch
+2ch
6ch+2ch
+2ch
6ch+2ch
+2ch
6ch+2ch
+2ch
6ch+2ch
+2ch
6ch+2ch
+2ch
6ch+2ch
+2ch
6ch+2ch
+2ch
6ch+2ch
+2ch
6ch+2ch
+2ch
8-bit
Modulo
timer
2
2
2
2
2
2
2
2
2
2
ACMP
1
1
1
1
1
1
1
1
1
1
RTC
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
16-bit SPI 1
1
1
1
1
1
1
1
1
1
8-bit SPI
1
1
1
1
1
1
1
1
1
1
I2C
1
1
1
1
1
1
1
1
1
1
SCI (LIN
Capable)
3
3
3
3
2
3
3
3
3
2
Watchdog Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
CRC
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
20mA
high-drive
pins
8
8
6
6
4
8
8
6
6
4
KBI pins
16
16
16
12
12
16
16
16
12
12
GPIO
57
57
41
37
28
57
57
41
37
28
Package
64-LQFP 64-QFP
48-LQFP 44-LQFP 32-LQFP 64-LQFP 64-QFP
48-LQFP 44-LQFP 32-LQFP
Orderable part numbers
MC9S08PA60 Series Data Sheet, Rev. 4, 09/2019
6
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com