Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2071AIPE4 Datasheet(PDF) 35 Page - Texas Instruments

Part # TLE2071AIPE4
Description  EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2071AIPE4 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TLE2071AIPE4 Datasheet HTML 31Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 32Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 33Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 34Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 35Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 36Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 37Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 38Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 81 page
background image
TLE207x, TLE207xA
EXCALIBUR LOW NOISE HIGHSPEED
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS181B − FEBRUARY 1997 − REVISED APRIL 2004
35
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLE2074C electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLE2074C
TLE2074AC
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
−1.6
5
− 0.5
3
mV
VIO
Input offset voltage
VIC = 0,
VO = 0,
R
= 50
Full range
7.1
5.1
mV
αVIO
Temperature coefficient
of input offset voltage
VIC = 0,
VO = 0,
RS = 50 Ω
Full range
10.1
30
10.1
30
µV/°C
IIO
Input offset current
25
°C
15
100
15
100
pA
IIO
Input offset current
VIC = 0,
VO = 0,
Full range
1400
1400
pA
IIB
Input bias current
VIC = 0,
VO = 0,
See Figure 4
25
°C
25
175
25
175
pA
IIB
Input bias current
See Figure 4
Full range
5000
5000
pA
15
15
15
15
25
°C
15
to
15
to
15
to
15
to
VICR
Common-mode input
RS = 50 Ω
25 C
to
−11
to
−11.9
to
−11
to
−11.9
V
VICR
Common-mode input
voltage range
RS = 50 Ω
15
15
V
voltage range
Full range
15
to
15
to
Full range
to
− 10.9
to
− 10.9
IO = − 200 A
25
°C
13.8
14.1
13.8
14.1
IO = − 200 µA
Full range
13.7
13.7
VOM +
Maximum positive peak
IO = − 2 mA
25
°C
13.5
13.9
13.5
13.9
V
VOM +
Maximum positive peak
output voltage swing
IO = − 2 mA
Full range
13.4
13.4
V
output voltage swing
IO = − 20 mA
25
°C
11.5
12.3
11.5
12.3
IO = − 20 mA
Full range
11.5
11.5
IO = 200 A
25
°C
− 13.8
− 14.2
− 13.8
− 14.2
IO = 200 µA
Full range
− 13.7
− 13.7
VOM −
Maximum negative peak
IO = 2 mA
25
°C
− 13.7
−14
−13.7
−14
V
VOM −
Maximum negative peak
output voltage swing
IO = 2 mA
Full range
− 13.6
− 13.6
V
output voltage swing
IO = 20 mA
25
°C
− 11.5
− 12.4
− 11.5
− 12.4
IO = 20 mA
Full range
− 11.5
− 11.5
RL = 600 Ω
25
°C
80
96
80
96
RL = 600 Ω
Full range
79
79
AVD
Large-signal differential
VO = ±10 V
RL = 2 kΩ
25
°C
90
109
90
109
dB
AVD
Large-signal differential
voltage amplification
VO = ±10 V
RL = 2 kΩ
Full range
89
89
dB
voltage amplification
RL = 10 kΩ
25
°C
95
118
95
118
RL = 10 kΩ
Full range
94
94
ri
Input resistance
VIC = 0
25
°C
1012
1012
Ω
ci
Input
capacitance
Common
mode
VIC = 0,
See Figure 5
25
°C
7.5
7.5
pF
ci
capacitance
Differential
VIC = 0,
See Figure 5
25
°C
2.5
2.5
pF
zo
Open-loop output impedance
f = 1 MHz
25
°C
80
80
Ω
CMRR
Common-mode
VIC = VICRmin,
25
°C
80
98
80
98
dB
CMRR
Common-mode
rejection ratio
VIC = VICRmin,
VO = 0,
RS = 50 Ω
Full range
79
79
dB
kSVR
Supply-voltage rejection ratio
VCC ± = ±5 V to ±15 V,
25
°C
82
99
82
99
dB
kSVR
Supply-voltage rejection ratio
(
∆VCC±/∆VIO)
VCC ± = ±5 V to ±15 V,
VO = 0,
RS = 50 Ω
Full range
81
81
dB
† Full range is 0°C to 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com