Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2071AIPE4 Datasheet(PDF) 53 Page - Texas Instruments

Part # TLE2071AIPE4
Description  EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2071AIPE4 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TLE2071AIPE4 Datasheet HTML 49Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 50Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 51Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 52Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 53Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 54Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 55Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 56Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 81 page
background image
TLE207x, TLE207xA
EXCALIBUR LOW NOISE HIGHSPEED
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS181B − FEBRUARY 1997 − REVISED APRIL 2004
53
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 22
0
− 5
−15
− 20
− 25
20
−10
0
2.5
5
7.5
10 12.5 15
10
5
15
MAXIMUM PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
25
17.5 20 22.5 25
IO = − 200 µA
IO = − 2 mA
IO = − 20 mA
IO = 20 mA
IO = 200 µA
TA = 25°C
|VCC ±| − Supply Voltage − V
IO = 2 mA
Figure 23
20
5
0
30
10
25
100 k
1 M
10 M
f − Frequency − Hz
15
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE†
vs
FREQUENCY
TA = − 55°C
TA = 25°C,
125
°C
TA = 25°C,
125
°C
TA = − 55°C
VCC ± = ±15 V
RL = 2 kΩ
VCC ± = ±5 V
Figure 24
0
0.5
1
1.5
2
OUTPUT VOLTAGE
vs
SETTLING TIME
VCC ± = ±15 V
RL = 1 kΩ
CL = 100 pF
AV = − 1
TA = 25°C
1mV
1mV
Rising
Falling
10 mV
10 mV
− 2.5
− 10
− 12.5
10
12.5
− 5
7.5
2.5
− 7.5
5
0
ts − Settling Time − µs
Figure 25
LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION
vs
LOAD RESISTANCE
115
110
100
95
90
125
105
0.1
1
10
100
120
VCC ± = ±15 V
VCC ± = ±5 V
VIC = 0
RS = 50 Ω
TA = 25°C
RL − Load Resistance − kΩ
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com