Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2071AIPE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLE2071AIPE4
Description  EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2071AIPE4 Datasheet(HTML) 2 Page - Texas Instruments

  TLE2071AIPE4 Datasheet HTML 1Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 2Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 3Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 4Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 5Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 6Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 7Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 8Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 81 page
background image
TLE207x, TLE207xA
EXCALIBUR LOW NOISE HIGHSPEED
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS181B − FEBRUARY 1997 − REVISED APRIL 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLE2071 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE†
(D)
CHIP CARRIER
(FK)
CERAMIC DIP
(JG)
PLASTIC DIP
(P)
CERAMIC
FLAT PACK
(U)
0
°C to 70°C
2 mV
TLE2071ACD
—
—
TLE2071ACP
—
0
°C to 70°C
2 mV
4 mV
TLE2071ACD
TLE2071CD
—
—
TLE2071ACP
TLE2071CP
—
−40
°C to 85°C
2 mV
TLE2071AID
—
—
TLE2071AIP
—
−40
°C to 85°C
2 mV
4 mV
TLE2071AID
TLE2071ID
—
—
TLE2071AIP
TLE2071IP
—
−55
°C to 125°C
2 mV
—
TLE2071AMFK
TLE2071AMJG
—
TLE2071AMU
−55
°C to 125°C
2 mV
4 mV
—
—
TLE2071AMFK
TLE2071MFK
TLE2071AMJG
TLE2071MJG
—
—
TLE2071AMU
TLE2071MU
† The D packages are available taped and reeled. Add R suffix to device type (e.g., TLE2071ACDR).
TLE2072 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE†
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
CERAMIC
FLAT PACK
(U)
0
°C to 70°C
3.5 mV
TLE2072ACD
—
—
TLE2072ACP
—
0
°C to 70°C
3.5 mV
6 mV
TLE2072ACD
TLE2072CD
—
—
TLE2072ACP
TLE2072CP
—
−40
°C to 85°C
3.5 mV
TLE2072AID
—
—
TLE2072AIP
—
−40
°C to 85°C
3.5 mV
6 mV
TLE2072AID
TLE2072ID
—
—
TLE2072AIP
TLE2072IP
—
−55
°C to 125°C
3.5 mV
—
TLE2072AMFK
TLE2072AMJG
—
TLE2072AMU
−55
°C to 125°C
3.5 mV
6 mV
—
TLE2072AMFK
TLE2072MFK
TLE2072AMJG
TLE2072MJG
—
TLE2072AMU
TLE2072MU
† The D packages are available taped and reeled. Add R suffix to device type (e.g., TLE2072ACDR).
TLE2074 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE†
(DW)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(J)
PLASTIC
DIP
(N)
CERAMIC
FLAT PACK
(W)
0
°C to 70°C
3 mV
TLE2074ACDW
—
—
TLE2074ACN
—
0
°C to 70°C
3 mV
5 mV
TLE2074ACDW
TLE2074CDW
—
—
TLE2074ACN
TLE2074CN
—
−40
°C to 85°C
3 mV
TLE2074AIDW
—
—
TLE2074AIN
—
−40
°C to 85°C
3 mV
5 mV
TLE2074AIDW
TLE2074IDW
—
—
TLE2074AIN
TLE2074IN
—
−55
°C to 125°C
3 mV
—
TLE2074AMFK
TLE2074AMJ
—
TLE2074AMW
−55
°C to 125°C
3 mV
5 mV
—
TLE2074AMFK
TLE2074MFK
TLE2074AMJ
TLE2074MJ
—
TLE2074AMW
TLE2074MW
† The DW packages are available taped and reeled. Add R suffix to device type (e.g., TLE2074ACDWR).
symbol
+
−
OUT
IN +
IN −



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com