Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2071AIPE4 Datasheet(PDF) 65 Page - Texas Instruments

Part # TLE2071AIPE4
Description  EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2071AIPE4 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TLE2071AIPE4 Datasheet HTML 61Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 62Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 63Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 64Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 65Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 66Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 67Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 68Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 81 page
background image
TLE207x, TLE207xA
EXCALIBUR LOW NOISE HIGHSPEED
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS181B − FEBRUARY 1997 − REVISED APRIL 2004
65
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 66
0
− 5
− 10
− 15
01
5
10
NONINVERTING LARGE-SIGNAL
PULSE RESPONSE†
15
24
5
VCC ± = ±15 V
AV = 1
RL = 2 kΩ
CL = 100 pF
TA = 25°C,
125
°C
TA = 25°C,
125
°C
TA = − 55°C
3
TA = − 55°C
t − Time −
µs
Figure 67
0
− 50
−100
0
0.4
0.8
50
SMALL-SIGNAL PULSE RESPONSE
100
1.2
1.6
t − Time −
µs
AV = − 1
RL = 2 kΩ
CL = 100 pF
TA = 25°C
VCC ± = ±15 V
Figure 68
CLOSED-LOOP OUTPUT IMPEDANCE
vs
FREQUENCY
0.001
10
100
1 k
10 k
100 k
1 M
10 M
f − Frequency − Hz
1
0.1
10
100
AV = 100
AV = 10
AV = 1
VCC ± = ±15 V
TA = 25°C
0.01
Figure 69
100
60
40
20
140
80
10
100
1 k
10 k
100 k
120
f − Frequency − Hz
VCC ± = ±15 V
VIC = 0
RL = 2 kΩ
TA = 25°C
TLE2072 AND TLE2074
CROSSTALK ATTENUATION
vs
FREQUENCY
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com