Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2071AIPE4 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLE2071AIPE4
Description  EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2071AIPE4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLE2071AIPE4 Datasheet HTML 17Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 18Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 19Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 20Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 21Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 22Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 23Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 24Page - Texas Instruments TLE2071AIPE4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
TLE207x, TLE207xA
EXCALIBUR LOW NOISE HIGHSPEED
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS181B − FEBRUARY 1997 − REVISED APRIL 2004
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLE2072C electrical characteristics at specified free-air temperature, VCC± = ±5 V (unless
otherwise noted)
(continued)
PARAMETER
TEST CONDITIONS
T
TLE2072C
TLE2072AC
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
ICC
Supply current
VO = 0,
No load
25
°C
2.7
2.9
3.9
2.7
2.9
3.9
mA
ICC
Supply current
(both channels)
VO = 0,
No load
Full range
3.9
3.9
mA
ax
Crosstalk attenuation
VIC = 0,
RL = 2 kΩ
25
°C
120
120
dB
IOS
Short-circuit output
VO = 0
VID = 1 V
25
°C
−35
−35
mA
IOS
Short-circuit output
current
VO = 0
VID = − 1 V
25
°C
45
45
mA
TLE2072C operating characteristics at specified free-air temperature, VCC± = ±5 V
PARAMETER
TEST CONDITIONS
T †
TLE2072C
TLE2072AC
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
25
°C
35
35
SR +
Positive slew rate
VO(PP) = ± 2.3 V,
AVD = − 1,
RL = 2 kΩ,
Full
range
22
22
V/
µs
O(PP)
AVD = − 1,
RL = 2 kΩ,
CL = 100 pF,
See Figure 1
25
°C
38
38
SR −
Negative slew rate
CL = 100 pF,
See Figure 1
Full
range
22
22
V/
µs
ts
Settling time
AVD = − 1,
2-V step,
To 10 mV
25
°C
0.25
0.25
s
ts
Settling time
2-V step,
RL = 1 kΩ,
CL = 100 pF
To 1 mV
25
°C
0.4
0.4
µs
Vn
Equivalent input noise
f = 10 Hz
25
°C
28
55
28
55
nV/
√Hz
Vn
Equivalent input noise
voltage
f = 10 kHz
25
°C
11.6
17
11.6
17
nV/
√Hz
Peak-to-peak equiva-
RS = 20 Ω,
See Figure 3
f = 10 Hz to
6
6
VN(PP)
Peak-to-peak equiva-
lent
RS = 20 Ω,
See Figure 3
f = 10 Hz to
10 kHz
25
°C
6
6
V
VN(PP)
lent
input noise voltage
See Figure 3
f = 0.1 Hz to
10 Hz
25
°C
0.6
0.6
µV
In
Equivalent input noise
current
VIC = 0,
f = 10 kHz
25
°C
2.8
2.8
fA /
√Hz
THD + N
Total harmonic distor-
tion
VO(PP) = 5 V,
AVD = 10,
f = 1 kHz,
RL = 2 kΩ,
25
°C
0.013%
0.013%
THD + N
tion
plus noise
O(PP)
VD
f = 1 kHz,
RL = 2 kΩ,
RS = 25 Ω
25
°C
0.013%
0.013%
B1
Unity-gain bandwidth
VI = 10 mV,
RL = 2 kΩ,
25
°C
9.4
9.4
MHz
B1
Unity-gain bandwidth
VI = 10 mV,
RL = 2 kΩ,
CL = 25 pF,
See Figure 2
25
°C
9.4
9.4
MHz
BOM
Maximum output-swing
VO(PP) = 4 V,
AVD = − 1,
25
°C
2.8
2.8
MHz
BOM
Maximum output-swing
bandwidth
VO(PP) = 4 V,
AVD = − 1,
RL = 2 kΩ ,CL = 25 pF
25
°C
2.8
2.8
MHz
φm
Phase margin at unity
VI = 10 mV,
RL = 2 kΩ,
25
°C
56
°
56
°
φm
Phase margin at unity
gain
VI = 10 mV,
RL = 2 kΩ,
CL = 25 pF,
See Figure 2
25
°C
56
°
56
°
† Full range is 0°C to 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com