Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA035XSE Datasheet(PDF) 2 Page - AZ Displays

Part # PA035XSE
Description  This technical specification applies to 3.5inch color TFT-LCD panel.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PA035XSE Datasheet(HTML) 2 Page - AZ Displays

  PA035XSE Datasheet HTML 1Page - AZ Displays PA035XSE Datasheet HTML 2Page - AZ Displays PA035XSE Datasheet HTML 3Page - AZ Displays PA035XSE Datasheet HTML 4Page - AZ Displays PA035XSE Datasheet HTML 5Page - AZ Displays PA035XSE Datasheet HTML 6Page - AZ Displays PA035XSE Datasheet HTML 7Page - AZ Displays PA035XSE Datasheet HTML 8Page - AZ Displays PA035XSE Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
PA035XSE
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not
be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View
International Co., Ltd.
Page:2
TECHNICAL SPECIFICATION
CONTENTS
NO.
ITEM
PAGE
-
Cover
1
-
Contents
2
1
Application
3
2
Features
3
3
Mechanical Specifications
3
4
Mechanical Drawing of TFT-LCD module
4
5
Input / Output Terminals
5
6
Pixel Arrangement and input connector pin NO.
7
7
Absolute Maximum Ratings
8
8
Electrical Characteristics
8
9
Power Sequence
20
10
Optical Characteristics
20
11
Handling Cautions
23
12
Reliability
24
13
Block Diagram
25
14
Packing
26
-
Revision History
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com