Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA035XSE Datasheet(PDF) 22 Page - AZ Displays

Part # PA035XSE
Description  This technical specification applies to 3.5inch color TFT-LCD panel.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PA035XSE Datasheet(HTML) 22 Page - AZ Displays

Back Button PA035XSE Datasheet HTML 18Page - AZ Displays PA035XSE Datasheet HTML 19Page - AZ Displays PA035XSE Datasheet HTML 20Page - AZ Displays PA035XSE Datasheet HTML 21Page - AZ Displays PA035XSE Datasheet HTML 22Page - AZ Displays PA035XSE Datasheet HTML 23Page - AZ Displays PA035XSE Datasheet HTML 24Page - AZ Displays PA035XSE Datasheet HTML 25Page - AZ Displays PA035XSE Datasheet HTML 26Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
PA035XSE
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not
be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View
International Co., Ltd.
Page:22
10-2) Test Configuration
LCD Display
R, G, B Waveform of Pattern A at Testing Point
R, G, B Waveform of Pattern B at Testing Point
500mm
BM-7(fast)
LCD
Backlight
R,G,B signal
Pattern
generator
input
Pattern A
Pattern B
Testing Point
Testing Point
63.6μs
Caution: 1. Environmental illumination≦1 lux
2. Before test CR, Vcom voltage must
be adjusted carefully to get the best
CR.
Vcom
RGB
waveform
RGB
waveform
Vcom
Vb=5.2V +/- 0.2V
Vw=1.1V +/- 0.2V
63.6μs
63.6μs
63.6μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com