Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA035XSE Datasheet(PDF) 1 Page - AZ Displays

Part # PA035XSE
Description  This technical specification applies to 3.5inch color TFT-LCD panel.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PA035XSE Datasheet(HTML) 1 Page - AZ Displays

  PA035XSE Datasheet HTML 1Page - AZ Displays PA035XSE Datasheet HTML 2Page - AZ Displays PA035XSE Datasheet HTML 3Page - AZ Displays PA035XSE Datasheet HTML 4Page - AZ Displays PA035XSE Datasheet HTML 5Page - AZ Displays PA035XSE Datasheet HTML 6Page - AZ Displays PA035XSE Datasheet HTML 7Page - AZ Displays PA035XSE Datasheet HTML 8Page - AZ Displays PA035XSE Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
PA035XSE
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not
be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View
International Co., Ltd.
Page:1
Version : 1.3
TECHNICAL SPECIFICATION
MODEL NO. : PA035XSE
Customer’s Approved
Customer
Date
By
PVI’s Confirmation
Approved By
Prepared By
Date : Jan.20,2005
This technical specification is subject to change without notice.
Please return 1 copy with your signature on this page for approval.
FOR MORE INFORMATION:
AZ DISPLAYS, INC.
75 COLUMBIA, ALISO VIEJO, CA, 92656
Http://www.AZDISPLAYS.com


Similar Part No. - PA035XSE

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PA035XSJ AZDISPLAYS-PA035XSJ Datasheet
820Kb / 26P
TECHNICAL SPECIFICATION
PA035XSL AZDISPLAYS-PA035XSL Datasheet
635Kb / 27P
This technical specification applies to 3.5inch color TFT-LCD panel.
More results

Similar Description - PA035XSE

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PA025XSB AZDISPLAYS-PA025XSB Datasheet
801Kb / 28P
This technical specification applies to 2.5inch color TFT-LCD panel.
PA025XSC AZDISPLAYS-PA025XSC Datasheet
791Kb / 27P
This technical specification applies to 2.5inch color TFT-LCD panel.
PA035XSL AZDISPLAYS-PA035XSL Datasheet
635Kb / 27P
This technical specification applies to 3.5inch color TFT-LCD panel.
PA035XUJ AZDISPLAYS-PA035XUJ Datasheet
1Mb / 27P
This technical specification applies to 3.5inch color TFT-LCD panel.
PA040XS1 AZDISPLAYS-PA040XS1 Datasheet
676Kb / 25P
This technical specification applies to 4inch color TFT-LCD module, PA040XS1
PA050XS1 AZDISPLAYS-PA050XS1 Datasheet
695Kb / 26P
This technical specification applies to 5inch color TFT-LCD module , PA050XS1.
PA080XS1 AZDISPLAYS-PA080XS1 Datasheet
402Kb / 25P
This technical specification applies to 8 color TFT-LCD module, PA080XS1
PD024OX4 AZDISPLAYS-PD024OX4 Datasheet
745Kb / 23P
This technical specification applies to a 2.36inch color TFT-LCD panel.
PD035OX1 AZDISPLAYS-PD035OX1 Datasheet
608Kb / 33P
This technical specification applies to 3.5inch color TFT-LCD panel PD035OX1.
logo
AU Optronics Corp.,
T460HW03-VF AUO-T460HW03-VF Datasheet
765Kb / 30P
This specification applies to the 46 inch Color TFT-LCD Module T460HW03 VF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com