Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA035XSE Datasheet(PDF) 5 Page - AZ Displays

Part # PA035XSE
Description  This technical specification applies to 3.5inch color TFT-LCD panel.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PA035XSE Datasheet(HTML) 5 Page - AZ Displays

  PA035XSE Datasheet HTML 1Page - AZ Displays PA035XSE Datasheet HTML 2Page - AZ Displays PA035XSE Datasheet HTML 3Page - AZ Displays PA035XSE Datasheet HTML 4Page - AZ Displays PA035XSE Datasheet HTML 5Page - AZ Displays PA035XSE Datasheet HTML 6Page - AZ Displays PA035XSE Datasheet HTML 7Page - AZ Displays PA035XSE Datasheet HTML 8Page - AZ Displays PA035XSE Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
PA035XSE
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not
be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View
International Co., Ltd.
Page:5
5. Input / Output Terminals
Pin No
Symbol
I/O
Description
Remark
1
STH1
I/O
Start pulse for source driver
Note 5-1
2
AVSS
I
Analog GND for source driver
3
AVDD
I
Analog power input for source driver
Note 5-2
4
VB
I
Video Input B
5
VG
I
Video Input G
6
VR
I
Video Input R
Note 5-4
7
VSS
I
Digital GND
8
VDD
I
Digital power input
Note 5-3
9
CPH1
I
Sampling and shift clock for source driver
10
CPH2
I
Sampling and shift clock for source driver
11
CPH3
I
Sampling and shift clock for source driver
12
STH2
I/O
Start pulse for source driver
Note 5-1
13
Q2H
I
Video input rotation control
14
INH
I
Output enable for source driver
15
R/L
I
Left/Right Control for source driver
Note 5-1
16
VCOM
I
Common electrode voltage
17
VCOM
I
Common electrode voltage
Note 5-4
18
XOE
I
Output enable for gate driver
19
CPV
I
Clock input for gate driver
20
U/D
I
Up/Down Control for gate driver
21
DIO2
I/O
Vertical start pulse
22
DIO1
I/O
Vertical start pulse
Note 5-5
23
VGL
I
Gate off voltage(alternative every 1-H)
Note 5-4
24
VEE
I
Gate driver negative voltage
Note 5-6
25
VSS
I
GND
26
VCC
I
Logic power for gate driver
Note 5-3
27
VGH
I
Gate on voltage
Note 5-7
28
GND
-
B/L case GND
-
Note 5-1:STH1, STH2 and R/L mode
R/L
STH1
STH2
Remark
High(VDD)
Input
Output
Left to Right
Low(0 Volt.)
Output
Input
Right to Left
Note 5-2:AVDD = +5V (Typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com