Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA035XSE Datasheet(PDF) 21 Page - AZ Displays

Part # PA035XSE
Description  This technical specification applies to 3.5inch color TFT-LCD panel.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PA035XSE Datasheet(HTML) 21 Page - AZ Displays

Back Button PA035XSE Datasheet HTML 17Page - AZ Displays PA035XSE Datasheet HTML 18Page - AZ Displays PA035XSE Datasheet HTML 19Page - AZ Displays PA035XSE Datasheet HTML 20Page - AZ Displays PA035XSE Datasheet HTML 21Page - AZ Displays PA035XSE Datasheet HTML 22Page - AZ Displays PA035XSE Datasheet HTML 23Page - AZ Displays PA035XSE Datasheet HTML 24Page - AZ Displays PA035XSE Datasheet HTML 25Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
PA035XSE
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not
be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View
International Co., Ltd.
Page:21
Luminance when LCD is White
Note 10-1:CR = Luminance when LCD is Black
Contrast Ratio is measured in optimum common electrode voltage.
The test configurations of contrast ratio see section 10-2.
Note 10-2:1.Topcon BM-7(fast) luminance meter 1°field of view is used in the testing (after
20~30 minutes operation).
2. Lamp current : 3 mA & 5 mA
3. Inverter model : TDK-347.
Note 10-3:The definition of viewing angle diagrams :
Note 10-4 : The definitions of response time:
Note 10-5 : Lamp life time 3mA about 30000hrs; 5mA about 20000hrs
observer
θ
3
6
9
12
LCD panel
φ
φ : Viewing direction
θ : Viewing angle
normal
(
θ = 0)
1 00%
90%
10%
0%
Wh ite
Wh ite
Bla c k
Tr
Tf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com