Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA035XSL Datasheet(PDF) 19 Page - AZ Displays

Part # PA035XSL
Description  This technical specification applies to 3.5inch color TFT-LCD panel.
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PA035XSL Datasheet(HTML) 19 Page - AZ Displays

Back Button PA035XSL Datasheet HTML 15Page - AZ Displays PA035XSL Datasheet HTML 16Page - AZ Displays PA035XSL Datasheet HTML 17Page - AZ Displays PA035XSL Datasheet HTML 18Page - AZ Displays PA035XSL Datasheet HTML 19Page - AZ Displays PA035XSL Datasheet HTML 20Page - AZ Displays PA035XSL Datasheet HTML 21Page - AZ Displays PA035XSL Datasheet HTML 22Page - AZ Displays PA035XSL Datasheet HTML 23Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
PA035XSL
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not
be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View
International Co., Ltd.
Page:19
9. Power on Sequence(Voltage source)
The Power on Sequence only effect by VCC,VSS,VDD,VEE and VGH, the others do not care.
1) 10ms≦T1<T2
2) 0ms<T3≦T4≦10ms
10. Optical Characteristics
10-1) Specification
Ta = 25℃
Parameter
Symbol
Condition
MIN.
TYP. MAX.
Unit Remarks
Horizontal
θ
±
45
±
50
deg
θ
(to 12
o’clock)
CR≧10
10
15
deg
Note 10-3
Viewing
Angle
Vertical
θ
(to 6
o’clock)
30
35
deg
Contrast Ratio
CR
At optimized
Viewing angle
200
350
Note 10-1
Rise
Tr
θ
=0°
15
30
ms
Response time
Fall
Tf
φ
=0°
25
50
ms
Note 10-4
Uniformity
U
70
75
Brightness
200
250
cd/㎡ Note 10-2
White
Chromaticity
X
y
θ
=0°
0.280
0.300
0.310
0.330
0.340
0.360
Note 10-2
LED Life Time
20mA
10000
hr
Note 10-2
V
SS(0V)
V
GH
ON
OFF
OFF
V
DD,VCC
V
EE
T1
T2
T3
T4
Logic signal
V
COM,VGL
RGB-Video signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com