Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA035XSL Datasheet(PDF) 10 Page - AZ Displays

Part # PA035XSL
Description  This technical specification applies to 3.5inch color TFT-LCD panel.
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PA035XSL Datasheet(HTML) 10 Page - AZ Displays

Back Button PA035XSL Datasheet HTML 6Page - AZ Displays PA035XSL Datasheet HTML 7Page - AZ Displays PA035XSL Datasheet HTML 8Page - AZ Displays PA035XSL Datasheet HTML 9Page - AZ Displays PA035XSL Datasheet HTML 10Page - AZ Displays PA035XSL Datasheet HTML 11Page - AZ Displays PA035XSL Datasheet HTML 12Page - AZ Displays PA035XSL Datasheet HTML 13Page - AZ Displays PA035XSL Datasheet HTML 14Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
PA035XSL
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not
be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View
International Co., Ltd.
Page:10
8-4) Power Consumption
Ta= 25 ℃
Parameter
Symbol Conditions
TYP. MAX Unit Remark
LCD Panel Power Consumption
48.7
72.4 mW
Backlight Power Consumption
PLED
384
456
mW
Total Power Consumption
432.7 528.4 mW
8-5) Timing Characteristics Of Input Signals
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Remark
1Field Scanning Period
t1V
-
262.5
-
H
1Line Scanning Period
t1H
-
63.5
-
µs
Source Driver Operating Frequency
fhc
4
6.4
8
MHz
Signal Sampling Pulse Width
tchw
125
156.25
250
ns
Signal Sampling Pulse Delay
tchd
47.65
52
58.25
ns
tchd 12,23
Signal Sampling Pulse Width(H)
tchwh
71.45
78.12
87.35
ns
Signal Sampling Pulse Delay(L)
tchwl
71.45
78.12
87.35
ns
Source Start Signal Pulse Width
tshw
45
156.25
315
ns
*tshset=tshhld
Source Start Signal Setup Time
tshset
20
78.12
-
ns
Source Start Signal Hold Time
tshhld
20
78.12
-
ns
Source Output Enable Pulse Width
tohw
1.0
-
µs
Source Start Signal Rising Time
tss
-
9.8
-
µs
Video Input Signal Start Point
tvs
-
10.0
-
µs
Phase Difference Between OEH&CPV
toc
1.5
2.3
-
µs
Gate Clock Period
tcvw
10
63.5
-
µs
Gate Clock Pulse Width(H)
tcvwh
10
31.7
48
µs
Gate Clock Pulse Width(L)
tcvwl
10
31.7
48
µs
Gate Start Signal Pulse Width
tsvw
5
63.5
126**
µs **tsvset=tsvhld
Gate Start Signal Setup Time
tsvset
5
53.2
-
µs
Gate Start Signal Hold Time
tsvhld
5
10.3
-
µs
Phase Difference Between OEH&STH
tosp
-
4
-
µs
Phase Difference Between SYNC&OEH
tohs
-
1.4
-
µs
Gate Output Enable Pulse Width
toev
-
2.5
-
µs
VCOM Delay Time
tDCOM
-
-
3
µs
RGB Delay Time
tDRGB
-
-
2
µs
Vertical Display Start
tsv
-
3
-
tH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com