Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA035XSL Datasheet(PDF) 20 Page - AZ Displays

Part # PA035XSL
Description  This technical specification applies to 3.5inch color TFT-LCD panel.
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PA035XSL Datasheet(HTML) 20 Page - AZ Displays

Back Button PA035XSL Datasheet HTML 16Page - AZ Displays PA035XSL Datasheet HTML 17Page - AZ Displays PA035XSL Datasheet HTML 18Page - AZ Displays PA035XSL Datasheet HTML 19Page - AZ Displays PA035XSL Datasheet HTML 20Page - AZ Displays PA035XSL Datasheet HTML 21Page - AZ Displays PA035XSL Datasheet HTML 22Page - AZ Displays PA035XSL Datasheet HTML 23Page - AZ Displays PA035XSL Datasheet HTML 24Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
PA035XSL
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not
be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View
International Co., Ltd.
Page:20
Luminance when LCD is White
Note 10-1:CR = Luminance when LCD is Black
Contrast Ratio is measured in optimum common electrode voltage.
The test configurations of contrast ratio see section 10-2.
Note 10-2:1.Topcon BM-7(fast) luminance meter 1.0°field of view is used in the testing (after 5
minutes operation).
2. LED current : 20 mA .
3.Conditions:The brightness of center point becomes 50% of initial brightness.
Note 10-3:The definition of viewing angle diagrams :
observer
θ
3
6
9
12
LCD panel
φ
φ : Viewing direction
θ : Viewing angle
normal
(
θ = 0)
Note 10-4 : The definitions of response time:
100%
90%
10%
0%
White
White
Black
Tr
Tf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com