Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA035XSL Datasheet(PDF) 9 Page - AZ Displays

Part # PA035XSL
Description  This technical specification applies to 3.5inch color TFT-LCD panel.
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PA035XSL Datasheet(HTML) 9 Page - AZ Displays

Back Button PA035XSL Datasheet HTML 5Page - AZ Displays PA035XSL Datasheet HTML 6Page - AZ Displays PA035XSL Datasheet HTML 7Page - AZ Displays PA035XSL Datasheet HTML 8Page - AZ Displays PA035XSL Datasheet HTML 9Page - AZ Displays PA035XSL Datasheet HTML 10Page - AZ Displays PA035XSL Datasheet HTML 11Page - AZ Displays PA035XSL Datasheet HTML 12Page - AZ Displays PA035XSL Datasheet HTML 13Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
PA035XSL
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not
be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View
International Co., Ltd.
Page:9
Note 8-2:Both NTSC and PAL system Video Signal input waveform is based on 8 steps gray
scale.
8-2)Current Consumption (GND=AVSS=0V)
Ta= 25 ℃
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Remark
IGH
VGH=+17V
-
0.055
0.083
mA
IGL
VGL=-12V
-
0.067
0.087
mA
VGL center voltage
ICC
VCC=+3.3V
-
0.441
0.563
mA
AIDD
AVDD=+5V
-
7
10
mA
IDD
VDD=+3.3V
-
1.2
3
mA
Current for Driver
IEE
VEE=-15V
-
0.441
0.600
mA
8-3) Backlight driving & Power Consumption
Pin No
Symbol
Description
Remark
28
GLED2
Supply current for LED
29
GLED3
Supply current for LED
30
VLED
Supply voltage for LED
Note 8-3
Note 8-3 : Supply voltage for LED would depend on supply current.
GND = 0 V
Ta= 25 ℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Remark
LED voltage
VLED
9
9.6
11.4
V
IL=20mA
ILED1
LED current
ILED2
-
20
-
mA
Note 8-4
Backlight Power Consumption
PLED
360
384
456
mW
Note 8-5
Note 8-4 : LED B/L applied information , please refer to the appendix at the end .
Note 8-5 : PLED = VLED* ILED1 + VLED* ILED2
Black
White
White
Black
White
White
Black
4.0±0.2V
Pin29
GLED
Pin28
GLED
(+9.6V)
Pin 30
VLED
ILED1
ILED2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com