Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA035XSL Datasheet(PDF) 24 Page - AZ Displays

Part # PA035XSL
Description  This technical specification applies to 3.5inch color TFT-LCD panel.
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PA035XSL Datasheet(HTML) 24 Page - AZ Displays

Back Button PA035XSL Datasheet HTML 19Page - AZ Displays PA035XSL Datasheet HTML 20Page - AZ Displays PA035XSL Datasheet HTML 21Page - AZ Displays PA035XSL Datasheet HTML 22Page - AZ Displays PA035XSL Datasheet HTML 23Page - AZ Displays PA035XSL Datasheet HTML 24Page - AZ Displays PA035XSL Datasheet HTML 25Page - AZ Displays PA035XSL Datasheet HTML 26Page - AZ Displays PA035XSL Datasheet HTML 27Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
PA035XSL
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not
be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View
International Co., Ltd.
Page:24
14. Block Diagram
14.1 LCD Module Diagram
14.2 Backlight Driving Diagram
LCD Panel
H Driver
(Source)
Back-light
30 PIN Input
V Driver
(Gate)
VLED
(PIN 30)
40mA(6LED) ,
60mA(9LED)
+15±0.5V
GLED
(PIN 29)
20mA
0.1μF
47μF
25V
0.1μF
22KΩ 5%
1KΩ VR
2KΩ 5%
50Ω 1%
1/16 W
2SC2412
A
20mA , 1V
0.1μF
50Ω 1%
1/16 W
2SC2412
A
20mA , 1V
0.1μF
50Ω 1%
1/16 W
2SC2412
A
20mA , 1V
GLED
(PIN 28)
20mA
GLED
(PIN 27)
20mA
1KΩ VR
1KΩ VR
2KΩ 5%
2KΩ 5%
22KΩ 5%
22KΩ 5%
+15±0.5V
+15±0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com