Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R200 Datasheet(PDF) 13 Page - Intel Corporation

Part # R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Datasheet(HTML) 13 Page - Intel Corporation

Back Button R200 Datasheet HTML 9Page - Intel Corporation R200 Datasheet HTML 10Page - Intel Corporation R200 Datasheet HTML 11Page - Intel Corporation R200 Datasheet HTML 12Page - Intel Corporation R200 Datasheet HTML 13Page - Intel Corporation R200 Datasheet HTML 14Page - Intel Corporation R200 Datasheet HTML 15Page - Intel Corporation R200 Datasheet HTML 16Page - Intel Corporation R200 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
Overview
334616-001
13
Figure 2-4. Component Locations (Front View)
Note: Module shown without reinforcement frame to expose components.
2.4
Storage and Operating Conditions
Table 2-2. Storage and Operating Conditions
Condition
Description
Min
Max
Unit
Storage (Still Air), Not
Operating
Temperature (Sustained, Controlled
)(1)
0
40
oC
Temperature (Short Exposure
)(2)
-40
70
oC
Humidity, Non-Condensing
90% RH, 30oC
Operating(3) (Still Air)
Temperature
0
50
oC
NOTES:
1. Controlled conditions should be used for long term storage of product.
2. Short exposure represents temporary max limits acceptable for transportation conditions.
3. Component case temperature limits must be met for all operating temperatures, module
performance will degrade at higher temperatures.
2.5
Handling Conditions
The R200 has limited ESD protection built into the subassembly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com